Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC44055ST Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC44055ST
Description  AC Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC44055ST Datasheet(HTML) 6 Page - IXYS Corporation

  CPC44055ST Datasheet HTML 1Page - IXYS Corporation CPC44055ST Datasheet HTML 2Page - IXYS Corporation CPC44055ST Datasheet HTML 3Page - IXYS Corporation CPC44055ST Datasheet HTML 4Page - IXYS Corporation CPC44055ST Datasheet HTML 5Page - IXYS Corporation CPC44055ST Datasheet HTML 6Page - IXYS Corporation CPC44055ST Datasheet HTML 7Page - IXYS Corporation CPC44055ST Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
R02
www.ixysic.com
6
CPC44055ST
The performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.
Load Frequency (Hz)
0
100
200
300
400
500
600
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage to Activate
vs. Load Frequency - Resistive Load
(V
L=67V, IL=4.91Arms, RL=10Ω)
Load Frequency (Hz)
0
100
200
300
400
500
600
6.05
6.10
6.15
6.20
6.25
6.30
6.35
6.40
6.45
Input Voltage to Activate
vs. Load Frequency - Inductive Load
(V
L=200V, ZL=400mH/220Ω)
Load Frequency (Hz)
0
100
200
300
400
500
600
6.32
6.34
6.36
6.38
6.40
6.42
6.44
Input Voltage to Activate
vs. Load Frequency - Inductive Load
(V
L=200V, ZL=196mH/110Ω)
On-State Voltage Drop (V)
-1.0
-0.5
0.0
0.5
1.0
-6
-4
-2
0
2
4
6
Typical Load Current
vs. On-State Voltage Drop
(V
IN=10V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
800
850
900
950
1000
Breakdown Voltage vs. Temperature
Time
1ms
10ms
100ms
1s
10s
0
50
100
150
200
250
300
Maximum Surge Current
Non-Repetitive
(T
J=50ºC Prior to Surge)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
Off-State Leakage Current
vs. Temperature
V
L=800V
V
L=600V
V
L=400V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com