Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC75282 Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC75282
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC75282 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC75282 Datasheet HTML 6Page - IXYS Corporation CPC75282 Datasheet HTML 7Page - IXYS Corporation CPC75282 Datasheet HTML 8Page - IXYS Corporation CPC75282 Datasheet HTML 9Page - IXYS Corporation CPC75282 Datasheet HTML 10Page - IXYS Corporation CPC75282 Datasheet HTML 11Page - IXYS Corporation CPC75282 Datasheet HTML 12Page - IXYS Corporation CPC75282 Datasheet HTML 13Page - IXYS Corporation CPC75282 Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC75282
10
PRELIMINARY
R00E
1.9 Voltage and Power Specifications
1.10 Protection Circuitry Electrical Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Voltage Requirements
VDD
-
VDD
4.75
5.0
5.25
V
VBAT
1
-
VBAT
-19
-48
-72
V
1V
BAT is used only for internal protection circuitry. If VBAT rises above-10 V, the device will enter the all-off state and will remain in the all-off
state until the battery drops below approximately -15V.
Power Specifications
Power consumption
VDD = 5V, VBAT = -48V, VIH = 2.4V,
VIL = 0.4V, Measure IDD and IBAT
mW
Idle/Talk State
P
--
15 3
All-Off State 2
--
7.5 3
Ringing or Test Access State
-
-
20 3
VDD Current
VDD = 5V, VBAT = -48V, VIH = 2.4V,
VIL = 0.4V
mA
Idle/Talk State
IDD
-
1.6 3
3.0
All-Off State
-
0.75 3
1.5
Ringing or Test Access State
-
1.8/1.5 3
4.0
VBAT Current
VDD = 5V, VBAT = -48V, VIH = 2.4V, VIL =
0.4V, All States
IBAT
-4
10
A
2 Controlled via OFF
x pins.
3 Combined power or current of both channels, both channels in the same state. Typical values from simulation.
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Protection Diode Bridge
Forward Voltage drop,
continuous current
(50/60 Hz)
Apply ± DC current limit of break
switches
VF
-2.1
3.0
V
Forward Voltage drop,
surge current
Apply ± dynamic current limit of break
switches
VF
-5-
Temperature Shutdown Specifications 1
Shutdown activation
temperature
Not production tested - limits are
guaranteed by design and Quality
Control sampling audits.
TTSD_on
110
125
150
C
Shutdown circuit
hysteresis
TTSD_off
10
-
25
C
Loss of Battery Detector Threshold
Loss of Battery
-19
-10
-5
V
Resumption of Battery
=19
-15
-5
1 Temperature shutdown flag (T
SDx) will be high during normal operation and low during temperature shutdown state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com