Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC75282 Datasheet(PDF) 17 Page - IXYS Corporation

Part # CPC75282
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC75282 Datasheet(HTML) 17 Page - IXYS Corporation

Back Button CPC75282 Datasheet HTML 11Page - IXYS Corporation CPC75282 Datasheet HTML 12Page - IXYS Corporation CPC75282 Datasheet HTML 13Page - IXYS Corporation CPC75282 Datasheet HTML 14Page - IXYS Corporation CPC75282 Datasheet HTML 15Page - IXYS Corporation CPC75282 Datasheet HTML 16Page - IXYS Corporation CPC75282 Datasheet HTML 17Page - IXYS Corporation CPC75282 Datasheet HTML 18Page - IXYS Corporation CPC75282 Datasheet HTML 19Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC75282
R00E
PRELIMINARY
17
3. Typical Performance Characteristics
3.1 Figure 1: Protection Circuit
3.2 Figure 2: Switches 1-3
3.3 Figure 3: Switch 4
3.4 Figure 4: Switches 5-6
DC Current Limit
(of Break Switches)
DC Current Limit
(Break Switches)
3V
V
BAT
<1μA
V
BAT-3
I
SW
V
SW
V
MAX
I
LIM1
-I
LIM1
2/3 R
ON
-I
LIM2
I
LIM2
-V
MAX -V2 -V1
-1.5
V
2
V
1
1.5
R
ON
-V
OS
+V
OS
-V
+V
+I
-I
R
ON
+I
-I
+V
-V
I
LIMIT
I
LIMIT
R
ON
R
ON
-1.5V
1.5V
2/3 R
ON
2/3 R
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com