Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC75282 Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC75282
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC75282 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC75282 Datasheet HTML 3Page - IXYS Corporation CPC75282 Datasheet HTML 4Page - IXYS Corporation CPC75282 Datasheet HTML 5Page - IXYS Corporation CPC75282 Datasheet HTML 6Page - IXYS Corporation CPC75282 Datasheet HTML 7Page - IXYS Corporation CPC75282 Datasheet HTML 8Page - IXYS Corporation CPC75282 Datasheet HTML 9Page - IXYS Corporation CPC75282 Datasheet HTML 10Page - IXYS Corporation CPC75282 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC75282
R00E
PRELIMINARY
7
1.7.3 Ringing Switch, SW4
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW4 (differential) = RLINE to RRINGING
All-Off state.
+25
C
VSW (differential) = -255V to +210V
VSW (differential) = +255V to -210V
ISW
-
-
1
A
+85
 C
VSW (differential) = -270V to +210V
VSW (differential) = +270V to -210V
-
-40
 C
VSW (differential) = -245V to +210V
VSW (differential) = +245V to -210V
-
On Resistance
ISW (on) = ±70mA, ±80mA
RON
-10
15
On Voltage
ISW (on) = ±1mA
VON
--
3
V
On-State
Leakage Current
Inputs set for ringing -Measure ringing
generator current to ground.
IRINGING
-2-
mA
Steady-State Current 1 Inputs set for ringing mode.
ISW
-
-
150
mA
Surge Current 1
Ringing switches on, all other switches
off. Apply ±1kV 10x1000
s pulse with
appropriate protection in place.
ISW
--
2
A
Release Current
SW4 transition from on to off.
IRINGING
-
300
1000
A
Logic input to switch
output isolation
+25
C, OFF
x = 0,
VSW (RRINGING, RLINE) = ±320V
ISW
-
-
1
A
+85
C, OFF
x = 0,
VSW (RRINGING, RLINE) = ±330V
-
-40
C, OFF
x = 0,
VSW (RRINGING, RLINE) = ±310V
-
Transient Immunity 2
-
dV/dt
1500
2100
-
V/
s
1 This parameter is not tested in production. Choice of secondary protector should ensure this rating is not exceeded.
2 Applied voltage is 100V
P-P square wave at 100Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com