Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IX2127
Description  Power MOSFET & IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2127 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IX2127 Datasheet HTML 5Page - IXYS Corporation IX2127 Datasheet HTML 6Page - IXYS Corporation IX2127 Datasheet HTML 7Page - IXYS Corporation IX2127 Datasheet HTML 8Page - IXYS Corporation IX2127 Datasheet HTML 9Page - IXYS Corporation IX2127 Datasheet HTML 10Page - IXYS Corporation IX2127 Datasheet HTML 11Page - IXYS Corporation IX2127 Datasheet HTML 12Page - IXYS Corporation IX2127 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2127
10
www.ixysic.com
R03
Temperature (ºC)
-50
-25
0
25
50
75
100
125
-10
0
10
20
30
40
50
60
70
80
90
100
High-Level Output Voltage V
OH (VB-VHO)
vs. Temperature
V
BIAS Voltage (V)
10.0
10.5
11.0
11.5
12.0
Output Source Current vs. Voltage
(V
CC=VBS=VBIAS, VIN=5V, PW≤10μs)
0
50
100
150
200
250
300
Ref. Fig. 1: R
GATE=20Ω
V
BIAS Voltage (V)
10.0
10.5
11.0
11.5
12.0
Output Sink Current
vs. V Bias Voltage
(V
CC=VBS=VBIAS, VIN=0V, PW≤10μs)
0
100
200
300
400
500
600
Ref. Fig. 1: R
GATE=20Ω
Temperature (ºC)
-50
-25
0
25
50
75
100
125
-10
0
10
20
30
40
50
60
70
80
90
100
Low-Level Output Voltage V
OL
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
Output Source Current
vs. Temperature
(V
CC=VBS=12V, VIN=5V, PW≤10μs)
Ref. Fig. 1: R
GATE=20Ω
Temperature (ºC)
-50
-25
0
25
50
75
100
125
Output Sink Current
vs. Temperature
(V
CC=VBS=12V, VIN=0V, PW≤10μs)
Ref. Fig. 1: R
GATE=20Ω
0
100
200
300
400
500
600
Input Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
Start-Up Blanking Delay
vs. Input Voltage
0
100
200
300
400
500
600
700
Input Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
CS Shutdown Propagation Delay
vs. Input Voltage
0
50
100
150
200
250
V
CC Supply Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
CS to FLT Propagation Delay
vs. V
CC Supply Voltage
0
50
100
150
200
250
300
350
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
600
700
800
Start-Up Blanking Delay
vs. Temperature
(V
CC=VBS=12V)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
CS Shutdown Propogation Delay
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
CS to FLT Propagation Delay
vs. Temperature
(V
CC=VBS=12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com