Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX2127
Description  Power MOSFET & IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2127 Datasheet(HTML) 1 Page - IXYS Corporation

  IX2127 Datasheet HTML 1Page - IXYS Corporation IX2127 Datasheet HTML 2Page - IXYS Corporation IX2127 Datasheet HTML 3Page - IXYS Corporation IX2127 Datasheet HTML 4Page - IXYS Corporation IX2127 Datasheet HTML 5Page - IXYS Corporation IX2127 Datasheet HTML 6Page - IXYS Corporation IX2127 Datasheet HTML 7Page - IXYS Corporation IX2127 Datasheet HTML 8Page - IXYS Corporation IX2127 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
e3
Pb
DS-IX2127-R03
www.ixysic.com
1
Driver Characteristics
Features
Floating Channel Designed for Bootstrap Operation
up to 600V
Tolerant to Negative Transient Voltages; dV/dt
Immune
Undervoltage Lockout
3.3V, 5V, and 12V Input Logic Compatible
Open-Drain FAULT Indicator Pin Shows
Over-Current Shutdown
Output in Phase with the Input
Applications
High-Speed Gate Driver
Motor Drive Inverter
Description
The IX2127 is a high-voltage, high-speed power
MOSFET and IGBT driver. High-voltage level-shift
circuitry enables this device to operate up to 600V.
IXYS Integrated Circuits Division’s proprietary
common-mode design techniques provide stable
operation in high dV/dt noise environments.
An on-board comparator can be used to detect an
over-current condition in the driven MOSFET or IGBT
device, and then shut down drive to that device. An
open-drain output, FAULT, indicates that an
over-current shutdown has occurred.
The gate driver output typically can source 250mA
and sink 500mA, which is suitable for fluorescent lamp
ballast, motor control, SMPS, and other converter
drive topologies.
The IX2127 is provided in 8-pin DIP and 8-pin SOIC
packages, and is available in Tape & Reel versions.
See ordering information below.
Ordering Information
IX2127 Block Diagram
Parameter
Rating
Units
VOFFSET
600
V
IO +/- (Source/Sink)
250/500
mA
VCSth
250
mV
tON / tOFF (Typical)
100
ns
Part
Description
IX2127G
8-Pin DIP (50/Tube)
IX2127N
8-Pin SOIC (100/Tube)
IX2127NTR
8-Pin SOIC (2000/Reel)
V
CC
IN
FAULT
COM
V
B
HO
V
S
CS
Buffer
Comparator
Delay
Undervoltage Lockout
Data Latch
Transmitter
High-Low
Level Shift
Low-High
Level Shift
Receiver
Transmitter
Data Latch
Receiver
Low Side
High Side
QR
S
Enable
Enable
Blanking
Signal
+
_
V
CC
IX2127
High-Voltage
Power MOSFET & IGBT Driver


Similar Part No. - IX2127

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
IX2127G CLARE-IX2127G Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
IX2127G CLARE-IX2127G Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
IX2127N CLARE-IX2127N Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
More results

Similar Description - IX2127

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
Advanced IGBT/MOSFET Driver
Dec-2004
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
IGBT MOSFET DRIVER
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127_11 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
Advanced IGBT/MOSFET driver
23-Sep-2011
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
Advanced IGBT/MOSFET driver
16-Jun-2011
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
Advanced IGBT/MOSFET driver
13-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com