Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX2127
Description  Power MOSFET & IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2127 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX2127 Datasheet HTML 4Page - IXYS Corporation IX2127 Datasheet HTML 5Page - IXYS Corporation IX2127 Datasheet HTML 6Page - IXYS Corporation IX2127 Datasheet HTML 7Page - IXYS Corporation IX2127 Datasheet HTML 8Page - IXYS Corporation IX2127 Datasheet HTML 9Page - IXYS Corporation IX2127 Datasheet HTML 10Page - IXYS Corporation IX2127 Datasheet HTML 11Page - IXYS Corporation IX2127 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2127
8
www.ixysic.com
R03
2
Performance Data
V
CC Supply Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0
50
100
150
200
250
Quiescent V
CC Supply Current IQCC
vs. Voltage
V
BS Supply Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0
100
200
300
400
500
Quiescent V
BS Supply Current IQBS
vs. Voltage
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
VBS Undervoltage Lockout
Positive-Going Threshold UVLO+
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
Quiescent V
CC Supply Current IQCC
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
Quiescent V
BS Supply Current IQBS
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
VBS Undervoltage Lockout
Negative-Going Threshold UVLO-
vs. Temperature
0
2
4
6
8
10
V
CC Supply (V)
Logic "1" Input Threshold Voltage
vs. V
CC
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
CC Supply Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
Logic "0" Input Threshold Voltage
vs. V
CC
0.0
0.5
1.5
2.5
3.0
2.0
1.0
V
CC Supply Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
CS Input Positive Going Threshold
vs. V
CC
0
50
100
150
200
250
300
350
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Logic "1" Input Threshold Voltage
vs. Temperature
(V
CC=12V)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Logic "0" Input Threshold Voltage
vs. Temperature
(V
CC=12V)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
CS Input Positive Going Threshold
vs. Temperature
(V
CC=12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com