Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127N Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX2127N
Description  Power MOSFET & IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2127N Datasheet(HTML) 4 Page - IXYS Corporation

  IX2127N Datasheet HTML 1Page - IXYS Corporation IX2127N Datasheet HTML 2Page - IXYS Corporation IX2127N Datasheet HTML 3Page - IXYS Corporation IX2127N Datasheet HTML 4Page - IXYS Corporation IX2127N Datasheet HTML 5Page - IXYS Corporation IX2127N Datasheet HTML 6Page - IXYS Corporation IX2127N Datasheet HTML 7Page - IXYS Corporation IX2127N Datasheet HTML 8Page - IXYS Corporation IX2127N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2127
4
www.ixysic.com
R03
1.4 Recommended Operating Conditions
1.5 General Conditions
Typical values are characteristic of the device at 25°C
and are the result of engineering evaluations. They are
provided for information purposes only and are not
part of the manufacturing testing requirements.
Unless otherwise noted, all electrical specifications
are listed for TA=25°C.
Parameter
Symbol
Minimum
Maximum
Units
Logic Supply
VCC
912
V
High Side Floating Supply
VB
VS+9
VS+12
High Side Offset Voltage
VS
-5
600
Logic Input Voltage
VIN
0
VCC
High Side Floating Output
VHO
VS
VB
Current Sense Signal Voltage
VCS
VS
VS+5
FAULT Output Voltage
VFLT
0
VCC
Ambient Temperature
TA
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com