Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127N Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX2127N
Description  Power MOSFET & IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2127N Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX2127N Datasheet HTML 2Page - IXYS Corporation IX2127N Datasheet HTML 3Page - IXYS Corporation IX2127N Datasheet HTML 4Page - IXYS Corporation IX2127N Datasheet HTML 5Page - IXYS Corporation IX2127N Datasheet HTML 6Page - IXYS Corporation IX2127N Datasheet HTML 7Page - IXYS Corporation IX2127N Datasheet HTML 8Page - IXYS Corporation IX2127N Datasheet HTML 9Page - IXYS Corporation IX2127N Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2127
6
www.ixysic.com
R03
1.7 Timing Characteristics
Figure 1. Typical Connection Diagram
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Turn-On Propagation Delay
VCC=VBS=12V,
CL=1nF,
TA=25°C
ton
-100
200
ns
Turn-Off Propagation Delay
toff
-73
200
Turn-On Rise Time
tr
-23
130
Turn-Off Fall Time
tf
-20
65
Start-Up Blanking Delay
tblk
550
766
950
CS Shutdown Propagation Delay
tCS
-220
360
CS to FLT Propagation Delay
tFLT
-236
510
1
2
3
4
5
6
7
8
FAULT
FAULT
V
CC
V
CC
IN
IN
COM
V
B
HO
CS
V
S
R
GATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com