Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127N Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX2127N
Description  Power MOSFET & IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2127N Datasheet(HTML) 5 Page - IXYS Corporation

  IX2127N Datasheet HTML 1Page - IXYS Corporation IX2127N Datasheet HTML 2Page - IXYS Corporation IX2127N Datasheet HTML 3Page - IXYS Corporation IX2127N Datasheet HTML 4Page - IXYS Corporation IX2127N Datasheet HTML 5Page - IXYS Corporation IX2127N Datasheet HTML 6Page - IXYS Corporation IX2127N Datasheet HTML 7Page - IXYS Corporation IX2127N Datasheet HTML 8Page - IXYS Corporation IX2127N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2127
R03
www.ixysic.com
5
1.6 Electrical Characteristics
Unless otherwise specified, the test conditions are: VCC=VBS=12V; VCC, IN, FAULT, and Leakage voltages and
currents are referenced to COM; VB, HO, and CS voltages and currents are referenced to VS .
1.6.1 Power Supply Specifications
1.6.2 Gate Drive and Shutdown Specifications
* RGATE value must be 20 or greater.
1.6.3 Logic I/O Specifications
1.6.4 Thermal Specifications
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Quiescent VCC Supply Current
VIN=0V
IQCC
-280
400
A
Quiescent VBS Supply Current
VIN=0V
IQBS
-
500
1000
VBS UVLO Positive-Going Threshold
-
VBS_UV+
6.8
7.7
8.6
V
VBS UVLO Negative-Going Threshold
-
VBS_UV-
6.3
7.2
8.1
Offset Supply Leakage Current
VB=VS=600V
ILKG
--
2
A
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
High Level Output Voltage, VB-VHO
IHO=0A
VOH
--
100
mV
Low Level Output Voltage, VHO
IHO=0A
VOL
--
100
Output Short Circuit Pulsed Current
VHO=0V, VIN=5V, PW<10s,
RGATE=20* (see Figure 1)
IHO+
-200
-250
-
mA
VHO=12V, VIN=0V, PW<10s,
RGATE=20* (see Figure 1)
IHO-
420
500
-
CS Input, Positive-Going Threshold
VCC=9V to 12V
VCS_TH+
180
260
320
mV
“High” CS Bias Current
VCS=3V
ICS+
--
1
A
VCS=0V
ICS-
--
-1
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Logic “1” Input Voltage
VCC=9V to 12V
VIH
3.0
-
-
V
Logic “0” Input Voltage
VCC=9V to 12V
VIL
--
0.8
Logic “1” Input Bias Current
VIN=5V
IIN+
-2.6
15
A
Logic “0” Input Bias Current
VIN=0V
IIN-
--
-1
FAULT On-Resistance
-
FLT, RON
-72-
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Thermal Resistance, Junction to Ambient:
8-Lead DIP
-
RJA
--
125
°C/W
8-Lead SOIC
--
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com