Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575EP Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575EP Datasheet(HTML) 2 Page - Texas Instruments

  LM2575EP Datasheet HTML 1Page - Texas Instruments LM2575EP Datasheet HTML 2Page - Texas Instruments LM2575EP Datasheet HTML 3Page - Texas Instruments LM2575EP Datasheet HTML 4Page - Texas Instruments LM2575EP Datasheet HTML 5Page - Texas Instruments LM2575EP Datasheet HTML 6Page - Texas Instruments LM2575EP Datasheet HTML 7Page - Texas Instruments LM2575EP Datasheet HTML 8Page - Texas Instruments LM2575EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL APPLICATION
(Fixed Output Voltage Versions)
Note: Pin numbers are for the TO-220 package.
BLOCK DIAGRAM AND TYPICAL APPLICATION
3.3V, R2 = 1.7k
5V, R2 = 3.1k
12V, R2 = 8.84k
15V, R2 = 11.3k
For ADJ. Version
R1 = Open, R2 = 0
Ω
Note: Pin numbers are for the TO-220 package.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2575EP LM2575HVEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com