Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575EP Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575EP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2575EP Datasheet HTML 9Page - Texas Instruments LM2575EP Datasheet HTML 10Page - Texas Instruments LM2575EP Datasheet HTML 11Page - Texas Instruments LM2575EP Datasheet HTML 12Page - Texas Instruments LM2575EP Datasheet HTML 13Page - Texas Instruments LM2575EP Datasheet HTML 14Page - Texas Instruments LM2575EP Datasheet HTML 15Page - Texas Instruments LM2575EP Datasheet HTML 16Page - Texas Instruments LM2575EP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
www.ti.com
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
TEST CIRCUIT AND LAYOUT GUIDELINES
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring
inductance generate voltage transients which can cause problems. For minimal inductance and ground loops, the
length of the leads indicated by heavy lines should be kept as short as possible. Single-point grounding (as
indicated) or ground plane construction should be used for best results. When using the Adjustable version,
physically locate the programming resistors near the regulator, to keep the sensitive feedback wiring short.
CIN — 100 μF, 75V, Aluminum Electrolytic
COUT — 330 μF, 25V, Aluminum Electrolytic
D1 — Schottky, 11DQ06
L1 — 330
μH, PE-52627 (for 5V in, 3.3V out, use 100 μH, PE-92108)
Figure 24. Fixed Output Voltage Versions
where VREF = 1.23V, R1 between 1k and 5k.
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Note: Pin numbers are for the TO-220 package.
Figure 25. Adjustable Output Voltage Version
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2575EP LM2575HVEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com