Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575EP Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575EP Datasheet(HTML) 5 Page - Texas Instruments

  LM2575EP Datasheet HTML 1Page - Texas Instruments LM2575EP Datasheet HTML 2Page - Texas Instruments LM2575EP Datasheet HTML 3Page - Texas Instruments LM2575EP Datasheet HTML 4Page - Texas Instruments LM2575EP Datasheet HTML 5Page - Texas Instruments LM2575EP Datasheet HTML 6Page - Texas Instruments LM2575EP Datasheet HTML 7Page - Texas Instruments LM2575EP Datasheet HTML 8Page - Texas Instruments LM2575EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
www.ti.com
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
LM2575-5.0EP, LM2575HV-5.0EP
ELECTRICAL CHARACTERISTICS
(1)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.
LM2575-5.0EP
Units
LM2575HV-5.0EP
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (2)
SYSTEM PARAMETERS(3) Test Circuit Figure 25
VOUT
Output Voltage
VIN = 12V, ILOAD = 0.2A
5.0
V
Circuit of Figure 25
4.900
V(Min)
5.100
V(Max)
VOUT
Output Voltage
0.2A
≤ ILOAD ≤ 1A,
5.0
V
LM2575EP
8V
≤ VIN ≤ 40V
4.800/4.750
V(Min)
Circuit of Figure 25
5.200/5.250
V(Max)
VOUT
Output Voltage
0.2A
≤ ILOAD ≤ 1A,
5.0
V
LM2575HVEP
8V
≤ VIN ≤ 60V
4.800/4.750
V(Min)
Circuit of Figure 25
5.225/5.275
V(Max)
η
Efficiency
VIN = 12V, ILOAD = 1A
77
%
(1)
"Testing and other quality control techniques are used to the extent deemed necessary to ensure product performance over the
specified temperature range. Product may not necessarily be tested across the full temperature range and all parameters may not
necessarily be tested. In the absence of specific PARAMETRIC testing, product performance is assured by characterization and/or
design."
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2575EP is used as shown in the Figure 25 test circuit, system performance will be as shown in system parameters section
of Electrical Characteristics.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2575EP LM2575HVEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com