Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7593 Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC7593
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7593 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC7593 Datasheet HTML 9Page - IXYS Corporation CPC7593 Datasheet HTML 10Page - IXYS Corporation CPC7593 Datasheet HTML 11Page - IXYS Corporation CPC7593 Datasheet HTML 12Page - IXYS Corporation CPC7593 Datasheet HTML 13Page - IXYS Corporation CPC7593 Datasheet HTML 14Page - IXYS Corporation CPC7593 Datasheet HTML 15Page - IXYS Corporation CPC7593 Datasheet HTML 16Page - IXYS Corporation CPC7593 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7593
R05
www.ixysic.com
13
1.8 Voltage and Power Specifications
1.9 Protection Circuitry Electrical Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Voltage Requirements
VDD
-
VDD
4.5
5.0
5.5
V
VBAT
1
-
VBAT
-19
-48
-72
V
1V
BAT is used only for internal protection circuitry. If VBAT rises above-10 V, the device will enter the all-off state and will remain in the all-off state until the battery
drops below -15 V
Power Specifications
Power consumption
VDD = 5 V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V, Measure IDD and IBAT,
Talk and All-Off States
P
-
4.7
10.5
mW
All other states
P
-
5.2
10.5
mW
VDD current in talk and
all-off states
VDD = 5 V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V
IDD
-0.9
2.0
mA
VDD current in all other
states
IDD
-1.0
2.0
VBAT current in any state
VDD = 5V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V
IBAT
-4
10
A
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Protection Diode Bridge
Forward Voltage drop,
continuous current
(50/60 Hz)
Apply ± dc current limit of break
switches
VF
-2.8
3.5
V
Forward Voltage drop,
surge current
Apply ± dynamic current limit of break
switches
VF
-5-
Protection SCR (CPC7593xA and CPC7593xC)
Surge current
-
-
-
-
*
A
Trigger current:
Current into VBAT pin.
SCR activates, +25° C
ITRIG
-
150
-mA
SCR activates, +85° C
80
Hold current: Current
through protection SCR
SCR remains active, +25° C
IHOLD
-
220
-mA
SCR remains active, +85° C
110
145
Gate trigger voltage
IGATE = ITRIGGER
§
VTBAT or
VRBAT
VBAT -4
-
VBAT -2
V
Reverse leakage current VBAT = -48 V
IVBAT
--
1.0
A
On-state voltage
0.5 A, t = 0.5
sV
TBAT or
VRBAT
-
-3
-V
2.0 A, t = 0.5
s-5
Temperature Shutdown Specifications
Shutdown activation
temperature
Not production tested - limits are
guaranteed by design and Quality
Control sampling audits.
TTSD_on
110
125
150
°C
Shutdown circuit
hysteresis
TTSD_off
10
-
25
°C
*Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.
§V
BAT must be capable of sourcing ITRIGGER for the internal SCR to activate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com