Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7593 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7593
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7593 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7593 Datasheet HTML 1Page - IXYS Corporation CPC7593 Datasheet HTML 2Page - IXYS Corporation CPC7593 Datasheet HTML 3Page - IXYS Corporation CPC7593 Datasheet HTML 4Page - IXYS Corporation CPC7593 Datasheet HTML 5Page - IXYS Corporation CPC7593 Datasheet HTML 6Page - IXYS Corporation CPC7593 Datasheet HTML 7Page - IXYS Corporation CPC7593 Datasheet HTML 8Page - IXYS Corporation CPC7593 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7593
R05
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pinout
CPC7593B
T
BAT
F
GND
D
GND
T
TESTin
IN
TESTin
R
T
TESTout
IN
TESTout
R
TESTout
T
LINE
T
RINGING
V
DD
T
NC
NC
NC
NC
NC
NC
NC
NC
NC
SD
V
BAT
R
BAT
TESTin
R
LINE
R
RINGING
LATCH
IN
RINGING
27
26
25
24
23
22
21
20
19
18
17
16
15
28
1
3
4
5
6
7
8
2
9
10
11
12
13
14
IN
TESTout
IN
RINGING
IN
TESTin
LATCH
R
TESTout
R
RINGING
R
LINE
R
BAT
R
TESTin
V
BAT
D
GND
T
SD
V
DD
NC
T
TESTout
T
RINGING
T
LINE
T
BAT
T
TESTin
F
GND
CPC7593Z
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
“Z”
“B”
Name
Description
11
FGND
Fault ground
2
NC
No connection
3
NC
No connection
4
NC
No connection
25
TTESTin Tip lead of the TESTin bus
36
TBAT
Tip lead of the SLIC
47
TLINE
Tip lead of the line side
58
TRINGING Ringing generator return
9
NC
Not connected
610
TTESTout Tip lead of the TESTout bus
711
NC
No connection
812
VDD
+5 V supply
913
TSD
Temperature shutdown pin
10
14
DGND
Digital ground
11
15
INTESTout Logic control input
12
16
INRINGING Logic control input
13
17
INTESTin Logic control input
14
18
LATCH
Data latch enable control input
15
19
RTESTout Ring lead of the TESTout bus
16
20
RRINGING Ringing generator source
21
NC
No connection
17
22
RLINE
Ring lead of the line side
18
23
RBAT
Ring lead of the SLIC
19
24
RTESTin Ring lead of the TESTin bus
25
NC
No connection
26
NC
No connection
27
NC
No connection
20
28
VBAT
Battery supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com