Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7593 Datasheet(PDF) 19 Page - IXYS Corporation

Part # CPC7593
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7593 Datasheet(HTML) 19 Page - IXYS Corporation

Back Button CPC7593 Datasheet HTML 15Page - IXYS Corporation CPC7593 Datasheet HTML 16Page - IXYS Corporation CPC7593 Datasheet HTML 17Page - IXYS Corporation CPC7593 Datasheet HTML 18Page - IXYS Corporation CPC7593 Datasheet HTML 19Page - IXYS Corporation CPC7593 Datasheet HTML 20Page - IXYS Corporation CPC7593 Datasheet HTML 21Page - IXYS Corporation CPC7593 Datasheet HTML 22Page - IXYS Corporation CPC7593 Datasheet HTML 23Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7593
R05
www.ixysic.com
19
2.3.8 Alternate Break-Before-Make Operation Logic Table (Ringing to Talk Transition)
2.4 Data Latch
The CPC7593 has an integrated transparent data
latch. The latch enable operation is controlled by TTL
logic input levels at the LATCH pin. Data input to the
latch are via the input pins, while the output of the data
latch are internal nodes used for state control. When
the LATCH enable control pin is at logic 0 the data
latch is transparent and the input data control signals
flow directly through the latch to the state control
circuitry. A change in input will be reflected by a
change in switch state. Whenever the LATCH enable
control pin is at logic 1, the latch is active and data is
locked. Subsequent input changes will not result in a
change to the control logic or affect the existing switch
state.
Switches will remain in the state they were in when the
LATCH pin changes from logic 0 to logic 1 and will not
respond to changes in input as long as the latch is at
logic 1. However, neither the TSD input nor the TSD
output control functions are affected by the latch
function. Internal thermal shutdown control and
external “All-off” control via TSD is not affected by the
state of the LATCH enable input.
2.5 TSD Pin Description
The TSD pin is a bi-directional I/O structure with an
internal pull up sourced from VDD. As an output, this
pin indicates the status of the thermal shutdown
circuitry. Typically, during normal operation, this pin will
be pulled up to VDD but under fault conditions that
create excess thermal loading the CPC7593 will enter
thermal shutdown and a logic low will be output.
As an input, the TSD pin can be utilized to place the
CPC7593 into the “All-Off” state by simply pulling the
input low via an open-collector type buffer. Using a
standard output with an active logic high drive
capability will sink the pull-up current resulting in
unnecessary power consumption.
Use of a standard output buffer with an active high
drive capability will not disable the thermal shutdown
mechanism. The ability to enter thermal shutdown
during a fault condition is independent of the
connection at the TSD input.
The CPC7593’s internal pull up has a nominal value of
16
A.
2.6 Ringing Switch Zero-Cross Current Turn Off
After the application of a logic input to turn SW4 off,
the ringing switch is designed to delay the change in
state until the next zero-crossing. Once on, the switch
requires a zero-current cross to turn off, and therefore
should not be used to switch a pure DC signal. The
switch will remain in the on state no matter the logic
input until the next zero crossing. These switching
characteristics will reduce and possibly eliminate
overall system impulse noise normally associated with
ringing switches. See application note AN-144, Impulse
Noise Benefits of Line Card Access Switches for more
information. The attributes of ringing switch SW4 may
make it possible to eliminate the need for a zero-cross
switching scheme. A minimum impedance of 300
 in
series with the ringing generator is recommended.
State
INRINGING INTESTin INTESTout
Latch
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
0
Z
-
Off
On
On
Off
All-off
1
0
1
X0
Hold this state for at least
one-half of ringing cycle.
SW4 waiting for zero current
to turn off.
Off
Off
On
Off
Break-
Before-
Make
00
0
Zero current has occurred.
SW4 has opened
Off
Off
Off
Off
Talk
0
0
0
0
Z
Break switches close.
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com