Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8750
Description  Stereo CODEC for Portable Audio Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8750 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 60Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
WM8750BL
Production Data
w
PD, Rev 4.1, August 2012
56
LINE INPUT CONFIGURATION
When LINPUT1/RINPUT1 or LINPUT2/RINPUT2 are used as line inputs, the microphone boost and
ALC functions should normally be disabled.
In order to avoid clipping, the user must ensure that the input signal does not exceed AVDD. This
may require a potential divider circuit in some applications. It is also recommended to remove RF
interference picked up on any cables using a simple first-order RC filter, as high-frequency
components in the input signal may otherwise cause aliasing distortion in the audio band. AC signals
with no DC bias should be fed to the WM8750BL through a DC blocking capacitor, e.g. 1
F.
MICROPHONE INPUT CONFIGURATION
Figure 51 Recommended Circuit for Line Input
For interfacing to a microphone, the ALC function should be enabled and the microphone boost
switched on. Microphones held close to a speaker’s mouth would normally use the 13dB gain setting,
while tabletop or room microphones would need a 29dB boost.
The recommended application circuit is shown above. R1 and R2 form part of the biasing network
(refer to Microphone Bias section). R1 connected to MICBIAS is necessary only for electret type
microphones that require a voltage bias. R2 should always be present to prevent the microphone
input from charging to a high voltage which may damage the microphone on connection. R1 and R2
should be large so as not to attenuate the signal from the microphone, which can have source
impedance greater than 2kOhm. C1 together with the source impedance of the microphone and the
WM8750BL input impedance forms an RF filter. C2 is a DC blocking capacitor to allow the
microphone to be biased at a different DC voltage to the MICIN signal.
MINIMISING POP NOISE AT THE ANALOGUE OUTPUTS
To minimise any pop or click noise when the system is powered up or down, the following procedures
are recommended.
POWER UP
Switch on power supplies. By default the WM8750BL is in Standby Mode, the DAC is
digitally muted and the Audio Interface, Line outputs and Headphone outputs are all OFF
(DACMU = 1 Power Management registers 1 and 2 are all zeros).
Enable Vmid and VREF.
Enable DACs as required
Enable line and / or headphone output buffers as required.
Set DACMU = 0 to soft-un-mute the audio DACs.
POWER DOWN
Set DACMU = 1 to soft-mute the audio DACs.
Disable all output buffers.
Switch off the power supplies.
R2
47kOhm
C1
220pF
C2
1uF
AGND
AGND
AGND
LINPUT1/2/3
RINPUT1/2/3
FROM
MICROPHONE
R1
680 Ohm to 2.2kOhm
check microphone's specification
MICBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com