Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8750
Description  Stereo CODEC for Portable Audio Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8750 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
w
WM8750BL
Stereo CODEC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, August 2012, Rev 4.1
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8750BL is a low power, high quality stereo CODEC
designed for portable digital audio applications.
The device integrates complete interfaces to stereo or mono
microphones and a stereo headphone. External component
requirements are drastically reduced as no separate
microphone
or
headphone
amplifiers
are
required.
Advanced on-chip digital signal processing performs graphic
equaliser, 3-D sound enhancement and automatic level
control for the microphone or line input.
The WM8750BL can operate as a master or a slave, with
various master clock frequencies including 12 or 24MHz for
USB devices, or standard 256fs rates like 12.288MHz and
24.576MHz. Different audio sample rates such as 96kHz,
48kHz, 44.1kHz are generated directly from the master
clock without the need for an external PLL.
The WM8750BL operates at supply voltages down to 1.8V,
although the digital core can operate at voltages down to
1.42V to save power, and the maximum for all supplies is
3.6 Volts. Different sections of the chip can also be powered
down under software control.
The WM8750BL is supplied in a very small and thin 5x5mm
QFN package, ideal for use in hand-held and portable
systems.
FEATURES
DAC SNR 97dB (‘A’ weighted), THD -85dB at 48kHz, 3.3V
ADC SNR 88dB (‘A’ weighted), THD -80dB at 48kHz, 3.3V
Complete Stereo / Mono Microphone Interface
-
Programmable ALC / Noise Gate
On-chip 400mW BTL Speaker Driver (mono)
On-chip Headphone Driver
-
>40mW output power on 16
 / 3.3V
-
THD –73dB at 5mW, SNR 98dB with 16
 load
-
No DC blocking capacitors required (capless mode)
Separately mixed mono output
Digital Graphic Equaliser
Low Power
-
6 mW stereo playback (1.8V / 1.5V supplies)
-
13 mW record & playback (1.8V / 1.5V supplies)
Low Supply Voltages
-
Analogue 1.8V to 3.6V
-
Digital core: 1.42V to 3.6V
-
Digital I/O: 1.8V to 3.6V
256fs / 384fs or USB master clock rates: 12MHz, 24MHz
Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48,
88.2, 96kHz generated internally from master clock
5x5x0.9mm QFN package
APPLICATIONS
Portable Media Player
Mobile phone handsets
Mobile gaming
BLOCK DIAGRAM


Similar Part No. - WM8750

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750-EV1M WOLFSON-WM8750-EV1M Datasheet
1Mb / 48P
Evaluation Board User Handbook
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750BLGEFL WOLFSON-WM8750BLGEFL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750BLGEFL/R WOLFSON-WM8750BLGEFL/R Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
More results

Similar Description - WM8750

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8988 WOLFSON-WM8988 Datasheet
584Kb / 56P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8988 CIRRUS-WM8988 Datasheet
1Mb / 58P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com