Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8750
Description  Stereo CODEC for Portable Audio Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8750 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8750 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
WM8750BL
Production Data
w
PD, Rev 4.1, August 2012
30
OUTPUT MIXERS
The WM8750BL provides the option to mix the DAC output signal with analogue line-in signals from
the LINPUT1/2/3, RINPUT1/2/3 pins or a mono differential input (LINPUT1 – RINPUT1) or (LINPUT2
– RINPUT2), selected by DS (see Table 5) . The level of the mixed-in signals can be controlled with
PGAs (Programmable Gain Amplifiers).
The mono mixer is designed to allow a number of signal combinations to be mixed, including the
possibility of mixing both the right and left channels together to produce a mono output. To prevent
overloading of the mixer when full-scale DAC left and right signals are input, the mixer inputs from the
DAC outputs each have a fixed gain of -6dB. The bypass path inputs to the mono mixer have variable
gain as determined by R38/R39 bits [6:4].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R34 (22h)
Left Mixer (1)
2:0
LMIXSEL
000
Left Input Selection for Output Mix
000 = LINPUT1
001 = LINPUT2
010 = LINPUT3
011 = Left ADC Input (after PGA /
MICBOOST)
100 = Differential input
R36 (24h)
Right Mixer
(1)
2:0
RMIXSEL
000
Right Input Selection for Output Mix
000 = RINPUT1
001 = RINPUT2
010 = RINPUT3
011 = Right ADC Input (after PGA /
MICBOOST)
100 = Differential input
Table 21 Output Mixer Signal Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R34 (22h)
Left Mixer
Control (1)
8
LD2LO
0
Left DAC to Left Mixer
0 = Disable (Mute)
1 = Enable Path
7
LI2LO
0
LMIXSEL Signal to Left Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
LI2LOVOL
[2:0]
101
(-9dB)
LMIXSEL Signal to Left Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
R35 (23h)
Left Mixer
Control (2)
8
RD2LO
0
Right DAC to Left Mixer
0 = Disable (Mute)
1 = Enable Path
7
RI2LO
0
RMIXSEL Signal to Left Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
RI2LOVOL
[2:0]
101
(-9dB)
RMIXSEL Signal to Left Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 22 Left Output Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com