Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8998 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
39
OTHER FEATURES
The WM8998 incorporates two 1kHz tone generators which can be used for ‘beep’ functions through
any of the audio signal paths. The phase relationship between the two generators is configurable,
providing flexibility in creating differential signals, or for test scenarios.
Two Pulse Width Modulation (PWM) signal generators are incorporated. The duty cycle of each PWM
signal can be modulated by an audio source, or can be set to a fixed value using a control register
setting. The PWM signal generators can be output directly on a GPIO pin.
The WM8998 provides 5 GPIO pins, supporting selectable input/output functions for interfacing,
detection of external hardware, and to provide logic outputs to other devices. Comprehensive Interrupt
(IRQ) functionality is also provided for monitoring internal and external event conditions.
A signal generator for controlling haptics devices is included, compatible with both Eccentric Rotating
Mass (ERM) and Linear Resonant Actuator (LRA) haptic devices. The haptics signal generator is
highly configurable, and can execute programmable drive event profiles, including reverse drive
control. An external vibe actuator can be driven directly by the Class D speaker output.
The WM8998 can be powered from a 1.8V external supply. A separate supply (4.2V) is typically
required for the Class D speaker driver. Integrated Charge Pump and LDO Regulators circuits are
used to generate supply rails for internal functions and to support powering or biasing of external
microphones.
A smart accessory interface is included, supporting most standard 3.5mm accessories. Jack
detection, accessory sensing and impedance measurement is provided, for external accessory and
push-button detection. Accessory detection can be used as a ‘Wake-Up’ trigger from low-power
standby. Microphone activity detection with interrupt is also available.
System clocking can be derived from the MCLK1 or MCLK2 input pins. Alternatively, the SLIMbus
interface, or the audio interfaces (configured in Slave mode), can be used to provide a clock
reference. Two integrated Frequency Locked Loop (FLL) circuits provide support for a wide range of
clocking configurations, including the use of a 32kHz input clock reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com