Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8998 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
13
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range (Core)
See notes 2, 3, 4, 5
DCVDD
(≤24.576MHz clocking)
1.14
1.2
1.9
V
DCVDD
(>24.576MHz clocking)
1.71
1.8
1.9
Digital supply range (I/O)
DBVDD1
1.7
1.9
V
Digital supply range (I/O)
DBVDD2, DBVDD3
1.7
3.47
V
LDO supply range
LDOVDD
1.7
1.8
1.9
V
Charge Pump supply range
CPVDD
1.7
1.8
1.9
V
Speaker supply range
SPKVDDL, SPKVDDR
2.4
5.5
V
Analogue supply range
See note 2
AVDD
1.7
1.8
1.9
V
Ground
See note 1
DGND, AGND, CPGND,
SPKGNDL, SPKGNDR
0
V
Power supply rise time
See notes 7, 8, 9, 10
DCVDD
10
2000
µs
All other supplies
1
Operating temperature range
TA
-40
85
°C
Notes:
1.
The grounds must always be within 0.3V of AGND.
2.
AVDD must be supplied before DCVDD. DCVDD must not be powered if AVDD is not present. There are no other power
sequencing requirements.
3.
An internal LDO (powered by LDOVDD) can be used to provide the DCVDD supply.
4.
‘Sleep’ mode is supported when DCVDD is below the limits noted, provided AVDD and DBVDD1 are present.
5.
Under default conditions, digital core clocking rates above 24.576MHz are inhibited. The register-controlled clocking limit
should only be raised when the applicable DCVDD voltage is present.
6.
An internal Charge Pump and LDO (powered by CPVDD) provide the microphone bias supply; the MICVDD pin should not be
connected to an external supply.
7.
DCVDD minimum rise time does not apply when this is powered using the internal LDO.
8.
If DCVDD is supplied externally, and the rise time exceeds 2ms, then RESET
¯¯¯¯¯¯ must be asserted (low) during the rise, and held
asserted until after DCVDD is within the recommended operating limits.
9.
The specified minimum power supply rise times assume a minimum decoupling capacitance of 100nF per pin. However,
Wolfson strongly advises that the recommended decoupling capacitors are present on the PCB and that appropriate layout
guidelines are observed.
10. The specified minimum power supply rise times also assume a maximum PCB inductance of 10nH between decoupling
capacitor and pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com