Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8998 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3714
(0E82h)
DRC1 ctrl3
15:12
DRC1_NG_MIN
GAIN [3:0]
0000
DRC1 Minimum gain to attenuate
audio signals when the noise gate is
active.
0000 = -36dB
0001 = -30dB
0010 = -24dB
0011 = -18dB
0100 = -12dB
0101 = -6dB
0110 = 0dB
0111 = 6dB
1000 = 12dB
1001 = 18dB
1010 = 24dB
1011 = 30dB
1100 = 36dB
1101 to 1111 = Reserved
11:10
DRC1_NG_EXP
[1:0]
00
DRC1 Noise Gate slope
00 = 1 (no expansion)
01 = 2
10 = 4
11 = 8
9:8
DRC1_QR_THR
[1:0]
00
DRC1 Quick-release threshold
(crest factor in dB)
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
7:6
DRC1_QR_DCY
[1:0]
00
DRC1 Quick-release decay rate
(seconds/6dB)
00 = 0.725ms
01 = 1.45ms
10 = 5.8ms
11 = Reserved
5:3
DRC1_HI_COM
P [2:0]
011
DRC1 Compressor slope (upper
region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 1/16
101 = 0
110 = Reserved
111 = Reserved
2:0
DRC1_LO_COM
P [2:0]
000
DRC1 Compressor slope (lower
region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 0
101 = Reserved
11X = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com