Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2513 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE2513
Description  Dual/Single USB Charger Port Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE2513 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE2513 Datasheet HTML 1Page - Seaward Electronics Inc. SE2513 Datasheet HTML 2Page - Seaward Electronics Inc. SE2513 Datasheet HTML 3Page - Seaward Electronics Inc. SE2513 Datasheet HTML 4Page - Seaward Electronics Inc. SE2513 Datasheet HTML 5Page - Seaward Electronics Inc. SE2513 Datasheet HTML 6Page - Seaward Electronics Inc. SE2513 Datasheet HTML 7Page - Seaward Electronics Inc. SE2513 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com • Page
1
29/05/2015
SE2513/SE2513A/SE2515
Dual/Single USB Charger Port Controller
Modify Record:
版次
新版本
旧版本
修改单位
修改内容
2015-05-29
1.0
NA
研发部
新文件制成(因工程产品,故 RD 开头)
2015-12-29
1.1
1.0
市场部
增加 2.4A 版本,取消 SE2514,
增加 SE2515


Similar Part No. - SE2513

ManufacturerPart #DatasheetDescription
logo
Clarke International
SE25 CLARKE-SE25 Datasheet
2Mb / 16P
AIR COMPRESSOR ELECTRIC MOTOR DRIVEN
LS1216
logo
List of Unclassifed Man...
SE25-111-0 ETC1-SE25-111-0 Datasheet
99Kb / 2P
Smart Encoder
SE25-111-1 ETC1-SE25-111-1 Datasheet
99Kb / 2P
Smart Encoder
SE25-111-2 ETC1-SE25-111-2 Datasheet
99Kb / 2P
Smart Encoder
SE25-112-0 ETC1-SE25-112-0 Datasheet
99Kb / 2P
Smart Encoder
More results

Similar Description - SE2513

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75198 FINTEK-F75198 Datasheet
416Kb / 10P
USB Charger Controller
F75204 FINTEK-F75204 Datasheet
685Kb / 14P
USB Charger Controller
logo
Microchip Technology
UCS1003-1 MICROCHIP-UCS1003-1 Datasheet
1Mb / 138P
USB Port Power Controller with Charger Emulation
07/14/15
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com