Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2513 Datasheet(PDF) 3 Page - Seaward Electronics Inc.

Part # SE2513
Description  Dual/Single USB Charger Port Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE2513 Datasheet(HTML) 3 Page - Seaward Electronics Inc.

  SE2513 Datasheet HTML 1Page - Seaward Electronics Inc. SE2513 Datasheet HTML 2Page - Seaward Electronics Inc. SE2513 Datasheet HTML 3Page - Seaward Electronics Inc. SE2513 Datasheet HTML 4Page - Seaward Electronics Inc. SE2513 Datasheet HTML 5Page - Seaward Electronics Inc. SE2513 Datasheet HTML 6Page - Seaward Electronics Inc. SE2513 Datasheet HTML 7Page - Seaward Electronics Inc. SE2513 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com • Page
3
29/05/2015
SE2513/SE2513A/SE2515
Dual/Single USB Charger Port Controller
Apple 1A
Application (SE2515)
Apple 2A
Application(SE2515)
DC/DC or AC/DC
Power
5V
GND
D-
D+
SEL
GND
VCC
DM
DP
1uF
Apple 2.4A
Application(SE2515)
Pin Configuration
Pin Description
NO.
Pin Name
Pin Function Description
1
DP1
1通道USB通信端口D+
2
GND
参考地
3
DP2
2通道USB通信端口D+
4
DM2
2通道USB通信端口D-
5
IN
电源输入
6
DM1
1通道USB通信端口D-
SEL
模式选择端:
SEL=1K 接输入:DP=2.7V,DM=2V(默认)
SEL=1K 接地
:DP=2V,DM=2.7V
SEL悬空 :
DP=2.7V,DM=2.7V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com