Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2598 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 17Page - Texas Instruments LM2598 Datasheet HTML 18Page - Texas Instruments LM2598 Datasheet HTML 19Page - Texas Instruments LM2598 Datasheet HTML 20Page - Texas Instruments LM2598 Datasheet HTML 21Page - Texas Instruments LM2598 Datasheet HTML 22Page - Texas Instruments LM2598 Datasheet HTML 23Page - Texas Instruments LM2598 Datasheet HTML 24Page - Texas Instruments LM2598 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
21
LM2598
www.ti.com
SNVS125D – MARCH 1998 – REVISED MAY 2016
Product Folder Links: LM2598
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 31 shows the relationship between an electrolytic capacitor value, its voltage rating, and the RMS current
it is rated for. These curves were obtained from the Nichicon PL series of low-ESR, high-reliability electrolytic
capacitors designed for switching regulator applications. Other capacitor manufacturers offer similar types of
capacitors, but always check the capacitor data sheet.
Standard electrolytic capacitors typically have much higher ESR numbers, lower RMS current ratings and
typically have a shorter operating lifetime.
Because of their small size and excellent performance, surface mount solid tantalum capacitors are often used
for input bypassing, but several precautions must be observed. A small percentage of solid tantalum capacitors
can short if the inrush current rating is exceeded. This can happen at turnon when the input voltage is suddenly
applied, and of course, higher input voltages produce higher inrush currents. Several capacitor manufacturers do
a 100% surge current testing on their products to minimize this potential problem. If high turnon currents are
expected, it may be necessary to limit this current by adding either some resistance or inductance before the
tantalum capacitor, or select a higher voltage capacitor. As with aluminum electrolytic capacitors, the RMS ripple
current rating must be sized to the load current.
9.1.5 Output Capacitor (COUT)
An output capacitor is required to filter the output and provide regulator loop stability. Low impedance or low ESR
Electrolytic or solid tantalum capacitors designed for switching regulator applications must be used. When
selecting an output capacitor, the important capacitor parameters are; the 100-kHz Equivalent Series Resistance
(ESR), the RMS ripple current rating, voltage rating, and capacitance value. For the output capacitor, the ESR
value is the most important parameter.
The output capacitor requires an ESR value that has an upper and lower limit. For low output ripple voltage, a
low ESR value is required. This value is determined by the maximum allowable output ripple voltage, typically 1%
to 2% of the output voltage. But if the selected capacitor's ESR is extremely low, there is a possibility of an
unstable feedback loop, resulting in an oscillation at the output. Using the capacitors listed in the tables, or
similar types, provides design solutions under all conditions.
If very low output ripple voltage (less than 15 mV) is required, see Output Voltage Ripple and Transients for a
post ripple filter.
An aluminum electrolytic capacitor's ESR value is related to the capacitance value and its voltage rating. In most
cases, higher voltage electrolytic capacitors have lower ESR values (see Figure 32). Often, capacitors with much
higher voltage ratings may be required to provide the low ESR values required for low output ripple voltage.
The output capacitor for many different switcher designs often can be satisfied with only three or four different
capacitor values and several different voltage ratings. See Figure 38 and Table 1 for typical capacitor values,
voltage ratings, and manufacturers capacitor types.
Electrolytic capacitors are not recommended for temperatures below –25°C. The ESR rises dramatically at cold
temperatures and typically rises 3X at –25°C and as much as 10X at –40°C. See curve shown in Figure 33.
Solid tantalum capacitors have a much better ESR specifications for cold temperatures and are recommended
for temperatures below –25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com