Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2598 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 9Page - Texas Instruments LM2598 Datasheet HTML 10Page - Texas Instruments LM2598 Datasheet HTML 11Page - Texas Instruments LM2598 Datasheet HTML 12Page - Texas Instruments LM2598 Datasheet HTML 13Page - Texas Instruments LM2598 Datasheet HTML 14Page - Texas Instruments LM2598 Datasheet HTML 15Page - Texas Instruments LM2598 Datasheet HTML 16Page - Texas Instruments LM2598 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
13
LM2598
www.ti.com
SNVS125D – MARCH 1998 – REVISED MAY 2016
Product Folder Links: LM2598
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 21. Inverting –5-V Regulator With Shutdown and Soft-start
8.3.2 Inverting Regulator
The circuit in Figure 21 converts a positive input voltage to a negative output voltage with a common ground. The
circuit operates by bootstrapping the regulators ground pin to the negative output voltage, then grounding the
feedback pin, the regulator senses the inverted output voltage and regulates it.
This example uses the LM2598-5 to generate a –5-V output, but other output voltages are possible by selecting
other output voltage versions, including the adjustable version. Because this regulator topology can produce an
output voltage that is either greater than or less than the input voltage, the maximum output current greatly
depends on both the input and output voltage. The curve shown in Figure 22 provides a guide as to the amount
of output load current possible for the different input and output voltage conditions.
The maximum voltage appearing across the regulator is the absolute sum of the input and output voltage, and
this must be limited to a maximum of 40 V. In this example, when converting 20 V to –5 V, the regulator would
see 25 V between the input pin and ground pin. The LM2598 has a maximum input voltage rating of 40 V.
Figure 22. Maximum Load Current for Inverting
Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com