Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2598 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 35Page - Texas Instruments LM2598 Datasheet HTML 36Page - Texas Instruments LM2598 Datasheet HTML 37Page - Texas Instruments LM2598 Datasheet HTML 38Page - Texas Instruments LM2598 Datasheet HTML 39Page - Texas Instruments LM2598 Datasheet HTML 40Page - Texas Instruments LM2598 Datasheet HTML 41Page - Texas Instruments LM2598 Datasheet HTML 42Page - Texas Instruments LM2598 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
39
LM2598
www.ti.com
SNVS125D – MARCH 1998 – REVISED MAY 2016
Product Folder Links: LM2598
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Thermal Considerations (continued)
The DDPAK surface mount package tab is designed to be soldered to the copper on a printed-circuit board
(PCB). The copper and the board are the heat sink for this package and the other heat producing components,
such as the catch diode and inductor. The PCB copper area that the package is soldered to must be at least 0.4
in2, and ideally must have 2 or more square inches of 2 oz. (0.0028) in) copper. Additional copper area improves
the thermal characteristics, but with copper areas greater than approximately 3 in2, only small improvements in
heat dissipation are realized. If further thermal improvements are required, TI recommends double-sided or
multilayer PCB with large copper areas.
Figure 41 shows the LM2598S (DDPAK package) junction temperature rise above ambient temperature with a 1-
A load for various input and output voltages. This data was taken with the circuit operating as a buck switching
regulator with all components mounted on a PCB to simulate the junction temperature under actual operating
conditions. This curve can be used for a quick check for the approximate junction temperature for various
conditions, but be aware that there are many factors that can affect the junction temperature.
For the best thermal performance, wide copper traces and generous amounts of PCB copper must be used in
the board layout. (One exception to this is the output (switch) pin, which must not have large areas of copper.)
Large areas of copper provide the best transfer of heat (lower thermal resistance) to the surrounding air, and
moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature rise numbers are all approximate, and there are many
factors that affect these numbers. Some of these factors include board size, shape, thickness, position, location,
and even board temperature. Other factors are trace width, total printed-circuit copper area, copper thickness,
single- or double-sided multilayer board, and the amount of solder on the board. The effectiveness of the PCB to
dissipate heat also depends on the size, quantity, and spacing of other components on the board, as well as
whether the surrounding air is still or moving. Furthermore, some of these components such as the catch diode
adds heat to the PCB and the heat can vary as the input voltage changes. For the inductor, depending on the
physical size, type of core material, and the DC resistance, it could either act as a heat sink taking heat away
from the board, or it could add heat to the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com