Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-Terminal Adjustable Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KCS Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM317KCS Datasheet HTML 6Page - Texas Instruments LM317KCS Datasheet HTML 7Page - Texas Instruments LM317KCS Datasheet HTML 8Page - Texas Instruments LM317KCS Datasheet HTML 9Page - Texas Instruments LM317KCS Datasheet HTML 10Page - Texas Instruments LM317KCS Datasheet HTML 11Page - Texas Instruments LM317KCS Datasheet HTML 12Page - Texas Instruments LM317KCS Datasheet HTML 13Page - Texas Instruments LM317KCS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM317
R1
240 W
IAdj
R2
Adjust
Ci
0.1 µF
CO
1.0 µF
VI
VO
Output
Input
Vref = 1.25 V
D1
1N4002
D2
1N4002
CADJ
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The flexibility of the LM317 allows it to be configured to take on many different functions in DC power
applications.
9.2 Typical Application
Figure 9. Adjustable Voltage Regulator
9.2.1 Design Requirements
•
R1 and R2 are required to set the output voltage.
•
CADJ is recommended to improve ripple rejection. It prevents amplification of the ripple as the output voltage
is adjusted higher.
•
Ci is recommended, particularly if the regulator is not in close proximity to the power-supply filter capacitors. A
0.1-µF disc or 1-µF tantalum capacitor provides sufficient bypassing for most applications, especially when
adjustment and output capacitors are used.
•
CO improves transient response, but is not needed for stability.
•
Protection diode D2 is recommended if CADJ is used. The diode provides a low-impedance discharge path to
prevent the capacitor from discharging into the output of the regulator.
•
Protection diode D1 is recommended if CO is used. The diode provides a low-impedance discharge path to
prevent the capacitor from discharging into the output of the regulator.
9.2.2 Detailed Design Procedure
VO is calculated as shown in Equation 1. IADJ is typically 50 µA and negligible in most applications.
VO = VREF (1 + R2 / R1) + (IADJ × R2)
(1)
10
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: LM317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com