Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-Terminal Adjustable Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KCS Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM317KCS Datasheet HTML 9Page - Texas Instruments LM317KCS Datasheet HTML 10Page - Texas Instruments LM317KCS Datasheet HTML 11Page - Texas Instruments LM317KCS Datasheet HTML 12Page - Texas Instruments LM317KCS Datasheet HTML 13Page - Texas Instruments LM317KCS Datasheet HTML 14Page - Texas Instruments LM317KCS Datasheet HTML 15Page - Texas Instruments LM317KCS Datasheet HTML 16Page - Texas Instruments LM317KCS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
R1
240 W
R2
2.4 kW
INPUT
OUTPUT
ADJUST
LM317
VI
RS
0.2 W
INPUT
OUTPUT
ADJUST
LM317
VI
INPUT
OUTPUT
ADJUST
LM317
VI
INPUT
OUTPUT
ADJUST
LM317
VO
VI
R1
120 W
R2
1 kW
VO
VO
R1
1.2 k
Ω
R2
20 k
Ω
INPUT
OUTPUT
ADJUST
LM317
VO
VI
LM317
www.ti.com
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
System Examples (continued)
9.3.5 1.25-V to 20-V Regulator Circuit With Minimum Program Current
Since the value of VREF is constant, the value of R1 determines the amount of current that flows through R1 and
R2. The size of R2 determines the IR drop from ADJUSTMENT to GND. Higher values of R2 translate to higher
VOUT.
Figure 16. 1.25-V to 20-V Regulator Circuit With Minimum Program Current
9.3.6 Adjusting Multiple On-Card Regulators With a Single Control
With different values of R1 for each LM317, R2 can be chosen such that each LM317 outputs a different voltage.
Figure 17. Adjusting Multiple On-Card Regulators With a Single Control
9.3.7 Battery-Charger Circuit
The series resistor limits the current output of the LM317, minimizing damage to the battery cell.
Figure 18. Battery-Charger Circuit
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com