Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-Terminal Adjustable Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KCS Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM317KCS Datasheet HTML 12Page - Texas Instruments LM317KCS Datasheet HTML 13Page - Texas Instruments LM317KCS Datasheet HTML 14Page - Texas Instruments LM317KCS Datasheet HTML 15Page - Texas Instruments LM317KCS Datasheet HTML 16Page - Texas Instruments LM317KCS Datasheet HTML 17Page - Texas Instruments LM317KCS Datasheet HTML 18Page - Texas Instruments LM317KCS Datasheet HTML 19Page - Texas Instruments LM317KCS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
INPUT
OUTPUT
ADJUST
LM317
2N2905
22 W
VI
5 kW
500 W
120 W
1N4002
10 µF
47 µF
10 µF
TIP73
VO
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
www.ti.com
System Examples (continued)
9.3.13 High-Current Adjustable Regulator Circuit
The NPNs at the top of the schematic allow higher currents at VOUT than the LM317 can provide, while still
keeping the output voltage at levels determined by the adjustment pin resistor divider of the LM317.
Figure 24. High-Current Adjustable Regulator Circuit
16
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: LM317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com