Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXYA20N65B3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYA20N65B3
Description  Advance Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA20N65B3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYA20N65B3 Datasheet HTML 1Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 2Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 3Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 4Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 5Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYA20N65B3 IXYP20N65B3
IXYH20N65B3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 20A, VCE = 10V, Note 1
8.5
14
S
C
ies
826
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
66
pF
C
res
19
pF
Q
g(on)
29
nC
Q
ge
I
C = 20A, VGE = 15V, VCE = 0.5 • VCES
6
nC
Q
gc
14
nC
t
d(on)
12
ns
t
ri
25
ns
E
on
0.50
mJ
t
d(off)
103
ns
t
fi
87
ns
E
off
0.45
0.70
mJ
t
d(on)
13
ns
t
ri
26
ns
E
on
0.93
mJ
t
d(off)
124
ns
t
fi
147
ns
E
off
0.76
mJ
R
thJC
0.65 °C/W
R
thCS
TO-220
0.50
°C/W
R
thCS
TO-247
0.21
°C/W
Inductive load, T
J = 25°C
I
C = 20A, VGE = 15V
V
CE = 400V, RG = 20
Note 2
Inductive load, T
J = 150°C
I
C = 20A, VGE = 15V
V
CE = 400V, RG = 20
Note 2
TO-263 Outline
1 = Gate
2 = Collector
3 = Emitter
4 = Collector
1 - Gate
2,4 - Collector
3 - Emitter
TO-247 Outline
Pins: 1 - Gate
2 - Collector
3 - Emitter
TO-220 Outline
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com