Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXYA20N65B3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYA20N65B3
Description  Advance Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA20N65B3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYA20N65B3 Datasheet HTML 1Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 2Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 3Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 4Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 5Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYA20N65B3 IXYP20N65B3
IXYH20N65B3
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
20
30
40
50
60
70
80
90
100
RG - Ohms
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 20A
I C = 40A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
60
80
100
120
140
160
180
200
20
30
40
50
60
70
80
90
100
RG - Ohms
0
60
120
180
240
300
360
420
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 20A
I C = 40A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
15
20
25
30
35
40
IC - Amperes
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Eoff
Eon - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
50
75
100
125
150
TJ - Degrees Centigrade
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Eoff
Eon - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
IC = 20A
I C = 40A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
0
40
80
120
160
200
240
10
15
20
25
30
35
40
IC - Amperes
30
60
90
120
150
180
210
t f i
td(off) - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
60
80
100
120
140
160
180
25
50
75
100
125
150
TJ - Degrees Centigrade
80
90
100
110
120
130
140
t f i
td(off) - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
I C = 20A
I C = 40A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com