Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXYA20N65B3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYA20N65B3
Description  Advance Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA20N65B3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYA20N65B3 Datasheet HTML 1Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 2Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 3Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 4Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 5Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYA20N65B3 IXYP20N65B3
IXYH20N65B3
IXYS REF: IXY_20N65B3D1(3D-Y42) 02-15-2015
Fig. 20. Inductive Turn-on Switching Times vs.
Collector Current
0
10
20
30
40
50
60
70
10
15
20
25
30
35
40
IC - Amperes
10
11
12
13
14
15
16
17
t r i
td(on) - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 21. Inductive Turn-on Switching Times vs.
Junction Temperature
10
20
30
40
50
60
70
80
90
25
50
75
100
125
150
TJ - Degrees Centigrade
10
11
12
13
14
15
16
17
18
t r i
td(on) - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
I C = 40A
I C = 20A
Fig. 19. Inductive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
160
180
20
30
40
50
60
70
80
90
100
RG - Ohms
0
10
20
30
40
50
60
70
80
90
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 40A
I C = 20A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com