Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5112DFD Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5112DFD
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112DFD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5112DFD Datasheet HTML 3Page - Texas Instruments TAS5112DFD Datasheet HTML 4Page - Texas Instruments TAS5112DFD Datasheet HTML 5Page - Texas Instruments TAS5112DFD Datasheet HTML 6Page - Texas Instruments TAS5112DFD Datasheet HTML 7Page - Texas Instruments TAS5112DFD Datasheet HTML 8Page - Texas Instruments TAS5112DFD Datasheet HTML 9Page - Texas Instruments TAS5112DFD Datasheet HTML 10Page - Texas Instruments TAS5112DFD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TAS5112
SLES048C − JULY 2003 − REVISED MARCH 2004
www.ti.com
7
SYSTEM CONFIGURATION USED FOR CHARACTERIZATION
TAS5112DFD
VALID_1
42
41
4
13
11
10
9
8
7
PWM PROCESSOR
TAS5026
GVDD
OUT_C
BST_D
PVDD_C
GND
PVDD_D
PVDD_D
PVDD_C
OUT_D
52
53
55
OUT_D
54
GND
OUT_C
56
51
49
47
50
48
BST_C
BST_B
PVDD_B
44
46
43
45
6
14
15
16
12
5
1
2
3
10
µH
10
µH
470 nF
4.7 k
Ω
1000
µF
100 nF
PWM_AP_1
PWM_AM_1
100 nF
100 nF
1.5
Ω
100 nF
33 nF
H-Bridge
Power Supply
Gate-Drive
Power Supply
External Power Supply
4.7 k
Ω
LPCB
DREG
SD_CD
M1
PWM_CM
RESET_CD
PWM_DP
SD_AB
PWM_DM
GREG
M2
M3
DREG_RTN
PWM_CP
OTW
GND
GND
LPCB : TRACK IN THE PCB (1,0 mm wide and 50 mm long)
{
Voltage Suppressor Diode: 1SMA33CAT
GND
LPCB
33 nF
100 nF
1.5
Ω
PVDD_B
PVDD_A
OUT_B
GND
OUT_A
GND
OUT_B
GVDD
OUT_A
GND
PVDD_A
BST_A
37
38
40
39
36
34
32
35
33
29
31
30
10
µH
10
µH
470 nF
4.7 k
Ω
1000
µF
100 nF
100 nF
1.5
Ω
100 nF
33 nF
4.7 k
Ω
LPCB
LPCB
33 nF
100 nF
1.5
Ω
100 nF
GND
PWM_BP
GND
GND
PWM_AP
RESET_AB
PWM_BM
PWM_AM
GREG
DVDD
GND
DGND
25
23
22
21
20
19
18
26
27
28
24
17
1
µF
ERR_RCVY
100 nF
VALID_2
PWM_AP_2
PWM_AM_2
100
Ω
100 nF
1
µF
1.5
Ω
1.5
Ω
1.5
Ω
{
{
{
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com