Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5112DFD Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS5112DFD
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112DFD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5112DFD Datasheet HTML 8Page - Texas Instruments TAS5112DFD Datasheet HTML 9Page - Texas Instruments TAS5112DFD Datasheet HTML 10Page - Texas Instruments TAS5112DFD Datasheet HTML 11Page - Texas Instruments TAS5112DFD Datasheet HTML 12Page - Texas Instruments TAS5112DFD Datasheet HTML 13Page - Texas Instruments TAS5112DFD Datasheet HTML 14Page - Texas Instruments TAS5112DFD Datasheet HTML 15Page - Texas Instruments TAS5112DFD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TAS5112
SLES048C − JULY 2003 − REVISED MARCH 2004
www.ti.com
12
In practice this means that the DVDD-to-PWM processor
(front-end) should be stable and initialization should be
completed before RESET is de-asserted to the back end.
CONTROL I/O
Shutdown Pin: SD
The SD pin functions as an output pin and is intended for
protection-mode signaling to, for example, a controller or
other front-end device. The pin is open-drain with an
internal pullup resistor to DVDD.
The logic output is, as shown in the following table, a
combination of the device state and RESET input:
SD
RESET
DESCRIPTION
0
0
Not used
0
1
Device in protection mode, i.e., UVP and/or OC
and/or OT error
1(1)
0
Device set high-impedance (Hi-Z), SD forced high
1
1
Normal operation
(1) SD is pulled high when RESET is asserted low independent of chip
state (i.e., protection mode). This is desirable to maintain
compatibility with some TI PWM front ends.
Temperature Warning Pin: OTW
The OTW pin gives a temperature warning signal when
temperature exceeds the set limit. The pin is of the
open-drain type with an internal pullup resistor to DVDD.
OTW
DESCRIPTION
0
Junction temperature higher than 125
°C
1
Junction temperature lower than 125
°C
Overall Reporting
The SD pin, together with the OTW pin, gives chip state
information as described in Table 1.
Table 1. Error Signal Decoding
OTW
SD
DESCRIPTION
0
0
Overtemperature error (OTE)
0
1
Overtemperature warning (OTW)
1
0
Overcurrent (OC) or undervoltage (UVP) error
1
1
Normal operation, no errors/warnings
Chip Protection
The TAS5112 protection function is implemented in a
closed loop with, for example, a system controller and TI
PWM processor. The TAS5112 contains three individual
systems protecting the device against error conditions. All
of the error events covered result in the output stage being
set in a high-impedance state (Hi-Z) for maximum
protection of the device and connected equipment.
The device can be recovered by toggling RESET low and
then high, after all errors are cleared.
Overcurrent (OC) Protection
The device has individual forward current protection on
both high-side and low-side power stage FETs. The OC
protection works only with the demodulation filter present
at the output. See Demodulation Filter Design in the
Application Information section of the data sheet for design
constraints.
Overtemperature (OT) Protection
A dual temperature protection system asserts a warning
signal when the device junction temperature exceeds
125
°C. The OT protection circuit is shared by all
half-bridges.
Undervoltage (UV) Protection
Undervoltage lockout occurs when GVDD is insufficient
for proper device operation. The UV protection system
protects the device under power-up and power-down
situations. The UV protection circuits are shared by all
half-bridges.
Reset Function
The function of the reset input is twofold:
D Reset is used for re-enabling operation after a
latching error event.
D Reset is used for disabling output stage
switching (mute function).
The error latch is cleared on the falling edge of reset and
normal operation is resumed when reset goes high.
PROTECTION MODE
Autorecovery (AR) After Errors (PMODE0)
In autorecovery mode (PMODE0) the TAS5112 is
self-supported in handling of error situations. All protection
systems are active, setting the output stage in the
high-impedance state to protect the output stage and
connected equipment. However, after a short time the
device autorecovers, i.e., operation is automatically
resumed provided that the system is fully operational.
The autorecovery timing is set by counting PWM input
cycles, i.e., the timing is relative to the switching frequency.
The AR system is common to both half-bridges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com