Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5112DFD Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5112DFD
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112DFD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5112DFD Datasheet HTML 4Page - Texas Instruments TAS5112DFD Datasheet HTML 5Page - Texas Instruments TAS5112DFD Datasheet HTML 6Page - Texas Instruments TAS5112DFD Datasheet HTML 7Page - Texas Instruments TAS5112DFD Datasheet HTML 8Page - Texas Instruments TAS5112DFD Datasheet HTML 9Page - Texas Instruments TAS5112DFD Datasheet HTML 10Page - Texas Instruments TAS5112DFD Datasheet HTML 11Page - Texas Instruments TAS5112DFD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TAS5112
SLES048C − JULY 2003 − REVISED MARCH 2004
www.ti.com
8
TYPICAL CHARACTERISTICS AND SYSTEM PERFORMANCE
OF TAS5112 EVM WITH TAS5026 PWM PROCESSOR
Figure 1
f − Frequency − Hz
20
100
1k
10k
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.001
0.1
1
20k
RL = 6 Ω
TC = 75°C
0.01
PO = 50 W
PO = 1 W
PO = 10 W
Figure 2
f − Frequency − kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
2
4
6
8
1012
1416
182022
RL = 6 Ω
FFT = −60 dB
TC = 75°C
TAS5026 Front End Device
NOISE AMPLITUDE
vs
FREQUENCY
Figure 3
PO − Output Power − W
100m
RL = 6 Ω
TC = 75°C
1
10
100
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
10
1
Figure 4
VDD − Supply Voltage − V
0
10
20
30
40
50
60
0
4
8
12
16
20
24
28
32
TA = 75°C
OUTPUT POWER
vs
H-BRIDGE VOLTAGE
RL = 6 Ω
RL = 8 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com