Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GX1 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 35Page - National Semiconductor (TI) GX1 Datasheet HTML 36Page - National Semiconductor (TI) GX1 Datasheet HTML 37Page - National Semiconductor (TI) GX1 Datasheet HTML 38Page - National Semiconductor (TI) GX1 Datasheet HTML 39Page - National Semiconductor (TI) GX1 Datasheet HTML 40Page - National Semiconductor (TI) GX1 Datasheet HTML 41Page - National Semiconductor (TI) GX1 Datasheet HTML 42Page - National Semiconductor (TI) GX1 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 247 page
background image
Revision 1.0
39
www.national.com
Signal Definitions (Continued)
2.2.5
Power, Ground, and No Connect Signals
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
VSS
Refer to
Table 2-3
(Total of
71)
Refer to
Table 2-5
(Total of
50)
GND
Ground Connection
VCC2
Refer to
Table 2-3
(Total of
32)
Refer to
Table 2-5
(Total of
32)
PWR
1.6V, 1.8V, or 2.0V (nominal) Core Power Connection
VCC3
Refer to
Table 2-3
(Total of
32)
Refer to
Table 2-5
(Total of
18)
PWR
3.3V (nominal) I/O Power Connection
NC
AC5
Q5, X2,
Z2,
AM36
No Connection
A line designated as NC must be left disconnected.
2.2.6
Internal Test and Measurement Signals
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
FLT#
AC2
AJ3
I
Float
Float forces the GX1 processor to float all outputs in the high-
impedance state and to enter a power-down state.
RW_CLK
AE6
AL11
O
Raw Clock
This output is the GX1 processor clock. This debug signal can
be used to verify clock operation.
TEST[3:0]
B22, A23,
B21, C21
D28, B32,
D26, A33
O
SDRAM Test Outputs
These outputs are used for internal debug only.
TCLK
J2
(PU)
P4
(PU)
I
Test Clock
JTAG test clock.
This pin is internally connected to a weak (>20-kohm) pull-up
resistor.
TDI
D2
(PU)
F4
(PU)
I
Test Data Input
JTAG serial test-data input.
This pin is internally connected to a weak (>20-kohm) pull-up
resistor.
TDO
F1
J1
O
Test Data Output
JTAG serial test-data output.
TMS
H1
(PU)
N3
(PU)
I
Test Mode Select
JTAG test-mode select.
This pin is internally connected to a weak (>20-kohm) pull-up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com