Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GX1 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 9Page - National Semiconductor (TI) GX1 Datasheet HTML 10Page - National Semiconductor (TI) GX1 Datasheet HTML 11Page - National Semiconductor (TI) GX1 Datasheet HTML 12Page - National Semiconductor (TI) GX1 Datasheet HTML 13Page - National Semiconductor (TI) GX1 Datasheet HTML 14Page - National Semiconductor (TI) GX1 Datasheet HTML 15Page - National Semiconductor (TI) GX1 Datasheet HTML 16Page - National Semiconductor (TI) GX1 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 247 page
background image
Revision 1.0
13
www.national.com
Architecture Overview (Continued)
1.7
GEODE GX1/CS5530 SYSTEM DESIGNS
A GX1 processor and Geode CS5530 I/O companion
based design provides high performance using 32-bit x86
processing. The two chips integrate video, audio and mem-
ory interface functions normally performed by external
hardware. The CS5530 enables the full features of the GX1
processor with MMX support. These features include full
VGA and VESA video, 16-bit stereo sound, IDE interface,
ISA interface, SMM power management, and IBM’s AT
compatibility logic. In addition, the CS5530 provides an
Ultra DMA/33 interface, MPEG1 assist, and AC97 Version
2.0 compliant audio.
Figure 1-2 shows a basic block system diagram which also
includes the Geode CS9211 graphics companion for
designs that need to interface to a Dual Scan Super
Twisted Pneumatic (DSTN) panel (instead of a TFT panel).
Figure 1-3 shows an example of a CS9211 interface in a
typical GX1/CS5530 based system design. The CS9211
converts the digital RGB output of the CS5530 to the digital
output suitable for driving a color DSTN flat panel LCD. It
can drive all standard color DSTN flat panels up to a
1024x768 resolution.
Figures 1-4 and 1-5 show the signal connections between
the GX1 processor and the CS5530. For connections to the
CS9211, refer to the CS9211 data book.
Figure 1-2. Geode™ GX1/CS5530 System Block Diagram
YUV Port
(Video)
RGB Port
PCI Interface
SDRAM
MD[63:0]
3.3V PCI Bus
Graphics Data
Video Data
Analog RGB
Digital RGB (to TFT or DSTN Panel)
CRT
TFT
Panel
USB
(2 Ports)
AC97
Codec
Speakers
CD
ROM
Audio
Micro-
phone
GPIO
Port
(Graphics)
Super
ISA Bus
SDRAM
Serial
Packet
Clocks
I/O
BIOS
IDE
Devices
14.31818
MHz Crystal
IDE Control
DC-DC & Battery
CS9211
Graphics
Companion
DSTN Panel
Geode™
Geode™
CS5530
I/O Companion
Geode™
GX1
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com