Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GX1 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  GX1 Datasheet HTML 1Page - National Semiconductor (TI) GX1 Datasheet HTML 2Page - National Semiconductor (TI) GX1 Datasheet HTML 3Page - National Semiconductor (TI) GX1 Datasheet HTML 4Page - National Semiconductor (TI) GX1 Datasheet HTML 5Page - National Semiconductor (TI) GX1 Datasheet HTML 6Page - National Semiconductor (TI) GX1 Datasheet HTML 7Page - National Semiconductor (TI) GX1 Datasheet HTML 8Page - National Semiconductor (TI) GX1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 247 page
background image
www.national.com
2
Revision 1.0
While the x86 core provides maximum compatibility with
the vast amount of Internet content available, the intelligent
integration of several other functions, such as audio and
graphics, offers a true system-level multimedia solution.
The Geode GX1 processor core is a proven x86 design
that offers competitive performance. It contains integer and
floating point execution units based on sixth-generation
technology. The integer core contains a single, five-stage
execution pipeline and offers advanced features such as
operand forwarding, branch target buffers, and extensive
write buffering. Accesses to the 16 KB write-back L1 cache
are dynamically reordered to eliminate pipeline stalls when
fetching operands.
In addition to the advanced CPU features, the GX1 proces-
sor integrates a host of functions typically implemented
with external components. A full function graphics acceler-
ator contains a VGA (video graphics array) controller, bit-
BLT engine, and a ROP (raster operations) unit for
complete GUI (Graphical User Interface) acceleration
under most operating systems. A display controller con-
tains additional video buffering to enable >30 fps MPEG1
playback and video overlay when used with a National
Semiconductor Geode I/O or graphics companion chip
(e.g., CS5530 or CS9211). Graphics and system memory
accesses are supported by a tightly coupled SDRAM con-
troller which eliminates the need for an external L2 cache.
A PCI host controller supports up to three bus masters for
additional connectivity and multimedia capabilities.
The GX1 processor also incorporates Virtual System
Architecture®
(VSA™)
technology.
VSA
technology
enables the XpressGRAPHICS and XpressAUDIO sub-
systems. Software handlers are available that provide full
compatibility for industry standard VGA and 16-bit audio
functions that are transparent at the operating system level.
Together the National Semiconductor I/O companion and
GX1 processor Geode devices provide a scalable, flexible,
low-power, system-level solution well suited for a wide
array of information appliances ranging from hand-held
personal information access devices to digital set-top
boxes and thin clients.
Features
General Features
 Packaging:
— 352-Terminal Ball Grid Array (BGA) or
— 320-Pin Staggered Pin Grid Array (SPGA)
 0.18-micron four layer metal CMOS process
 Split rail design:
— Available 1.6V, 1.8V, or 2.0V core
— 3.3V I/O interface
 Fully static design
 Low Typical Power Consumption:
— 0.8W @ 1.6V/200 MHz
— 1.2W @ 2.0V/300 MHz
Note:
Typical power consumption is defined as an aver-
age, measured running Windows at 80% Active
Idle (Suspend-on-Halt) with a display resolution of
800x600x8 bpp @ 75 Hz.
 Speeds offered up to 300 MHz
 Unified Memory Architecture
— Frame buffer and video memory reside in main
memory
— Minimizes PCB (Printed Circuit Board) area require-
ments
— Reduces system cost
 Compatible with multiple Geode I/O companion devices
provided by National Semiconductor
32-Bit x86 Processor
 Supports Intel’s MMX instruction set extension for the
acceleration of multimedia applications
 16 KB unified L1 cache
 Six-stage pipelined integer unit
 Integrated Floating Point Unit (FPU)
 Memory Management Unit (MMU) adheres to standard
paging mechanisms and optimizes code fetch perfor-
mance:
— Load-store reordering gives priority to memory reads
— Memory-read bypassing eliminates unnecessary or
redundant memory reads
 Re-entrant System Management Mode (SMM)
enhanced for VSA technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com