Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS2085LSD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMS2085LSD
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2085LSD Datasheet(HTML) 5 Page - Diodes Incorporated

  DMS2085LSD Datasheet HTML 1Page - Diodes Incorporated DMS2085LSD Datasheet HTML 2Page - Diodes Incorporated DMS2085LSD Datasheet HTML 3Page - Diodes Incorporated DMS2085LSD Datasheet HTML 4Page - Diodes Incorporated DMS2085LSD Datasheet HTML 5Page - Diodes Incorporated DMS2085LSD Datasheet HTML 6Page - Diodes Incorporated DMS2085LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMS2085LSD
Document number: DS36926 Rev. 2 - 2
5 of 7
www.diodes.com
August 2014
© Diodes Incorporated
DMS2085LSD
V , DRAIN-SOURCE VOLTAGE (V)
Figure 9 ypical Junction Capacitance
DS
10
100
1000
0
5
10
15
20
25
30
f = 1MHz
Coss
Crss
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 10 Gate-Charge Characteristics
g
0
2
4
6
8
10
01
2
3
4
5
6
7
8
V
= -15V
I= -3A
DS
D
V , DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
0.1
1
10
100
R
Limited
DS(on)
T
= 150°C
T = 25°C
J(max)
A
V
= 4.5V
Single Pulse
GS
DUT on 1 * MRP Board
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com