Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS2085LSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMS2085LSD
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2085LSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMS2085LSD Datasheet HTML 1Page - Diodes Incorporated DMS2085LSD Datasheet HTML 2Page - Diodes Incorporated DMS2085LSD Datasheet HTML 3Page - Diodes Incorporated DMS2085LSD Datasheet HTML 4Page - Diodes Incorporated DMS2085LSD Datasheet HTML 5Page - Diodes Incorporated DMS2085LSD Datasheet HTML 6Page - Diodes Incorporated DMS2085LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMS2085LSD
Document number: DS36926 Rev. 2 - 2
3 of 7
www.diodes.com
August 2014
© Diodes Incorporated
DMS2085LSD
Electrical Characteristics P-Channel Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1
µA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-0.5
-1.5
-2.2
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
⎯
70
85
mΩ
VGS = -10V, ID = -3.05A
⎯
100
125
VGS = -4.5V, ID = -1.50A
Diode Forward Voltage
VSD
⎯
-0.8
-1.0
V
VGS = 0V, IS = -1.0A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
⎯
353
⎯
pF
VDS = -15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
49
⎯
Reverse Transfer Capacitance
Crss
⎯
41
⎯
Gate Resistance
RG
⎯
6.2
⎯
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
⎯
3.7
⎯
nC
VDS = -15V, ID = -3A
Total Gate Charge (VGS = -10V)
Qg
⎯
7.8
⎯
Gate-Source Charge
Qgs
⎯
1.1
⎯
Gate-Drain Charge
Qgd
⎯
1.3
⎯
Turn-On Delay Time
tD(on)
⎯
3.3
⎯
nS
VDS = -15V,RL = 15Ω
VGS = -10V, RG = 6Ω
Turn-On Rise Time
tr
⎯
3.0
⎯
Turn-Off Delay Time
tD(off)
⎯
14
⎯
Turn-Off Fall Time
tf
⎯
6.8
⎯
Body Diode Reverse Recovery Time
trr
⎯
33
⎯
nS
IS = -3.05A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
⎯
46
⎯
nC
IS = -3.05A, dI/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
V , DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
3.0
6.0
9.0
12.0
15.0
0
0.5
1
1.5
2
2.5
3
V= -1.8V
GS
V= -2.5V
GS
V= -3.0V
GS
V= -3.5V
GS
V= -10V
GS
V= -4.0V
GS
V= -4.5V
GS
V= -2.0V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V
= -5.0V
DS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com