Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS2085LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMS2085LSD
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2085LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMS2085LSD Datasheet HTML 1Page - Diodes Incorporated DMS2085LSD Datasheet HTML 2Page - Diodes Incorporated DMS2085LSD Datasheet HTML 3Page - Diodes Incorporated DMS2085LSD Datasheet HTML 4Page - Diodes Incorporated DMS2085LSD Datasheet HTML 5Page - Diodes Incorporated DMS2085LSD Datasheet HTML 6Page - Diodes Incorporated DMS2085LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMS2085LSD
Document number: DS36926 Rev. 2 - 2
4 of 7
www.diodes.com
August 2014
© Diodes Incorporated
DMS2085LSD
I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.03
0.06
0.09
0.12
0.15
0
3
6
9
12
15
V
= -4.5V
GS
V
= -10V
GS
I , DRAIN SOURCE CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
1
23
4
5
67
8
9
10
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V= -4.5V
GS
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 5 On-Resistance Variation with Temperature
0.4
0.8
1.2
1.6
-50
-25
0
25
50
75
100
125 150
V
= -10V
I = -5A
GS
D
V
= -4.5V
I = -5A
GS
D
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 6 On-Resistance Variation with Temperature
0
0.03
0.06
0.09
0.12
0.15
-50
-25
0
25
50
75
100
125 150
V= -10V
I=
A
GS
D
-5
V=
5V
I=
A
GS
D
-4.
-5
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125 150
-I = 1mA
D
-I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
T= 85 C
A
°
1.2
1.5
T= 125 C
A
°
T= 150 C
A
°
T= -55 C
A
°
T= 25 C
A
°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com