Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS2095LFDB Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMS2095LFDB
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2095LFDB Datasheet(HTML) 5 Page - Diodes Incorporated

  DMS2095LFDB Datasheet HTML 1Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 2Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 3Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 4Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 5Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 6Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMS2095LFDB
Document number: DS35955 Rev. 3 - 2
5 of 7
www.diodes.com
April 2014
© Diodes Incorporated
DMS2095LFDB
MOSFET Characteristics (cont.)
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
-I = 1mA
D
-I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
1.2
1.5
T= 85 C
A
°
T= 125 C
A
°
T= 150 C
A
°
T= -55 C
A
°
T= 25 C
A
°
V , DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Junction Capacitance
DS
10
100
1000
10000
0
2
4
6
8
10
1214
1618
20
f = 1MHz
Coss
Crss
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 10 Gate-Charge Characteristics
g
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
V
= -10V
I= -2.5A
DS
D
t1, PULSE DURATION TIMES (sec)
Figure 11 Transient Thermal Resistance
D = 0.7
D = 0.9
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
R
(t) = r(t) * R
R
= 155°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com