Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS2095LFDB Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMS2095LFDB
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2095LFDB Datasheet(HTML) 6 Page - Diodes Incorporated

  DMS2095LFDB Datasheet HTML 1Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 2Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 3Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 4Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 5Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 6Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMS2095LFDB
Document number: DS35955 Rev. 3 - 2
6 of 7
www.diodes.com
April 2014
© Diodes Incorporated
DMS2095LFDB
Schottky Characteristics
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 12 Typical Forward Characteristics
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 13 Typical Reverse Characteristics
0.1
1
10
100
1000
10000
100000
0
2
4
6
8
10
12
14
16
18
20
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
U-DFN2020-6
Type B
Dim
Min
Max
Typ
A
0.545 0.605 0.575
A1
0
0.05
0.02
A3
⎯
⎯
0.13
b
0.20
0.30
0.25
D
1.95
2.075
2.00
d
⎯
⎯
0.45
D2
0.50
0.70
0.60
e
⎯
⎯
0.65
E
1.95
2.075
2.00
E2
0.90
1.10
1.00
f
⎯
⎯
0.15
L
0.25
0.35
0.30
z
⎯
⎯
0.225
All Dimensions in mm
Dimensions Value (in mm)
Z
1.67
G
0.20
G1
0.40
X1
1.0
X2
0.45
Y
0.37
Y1
0.70
C
0.65
SEATING PLANE
D
e
Pin#1 ID
L
b
D2
E2
E
A1
A
A3
f
z
f
d
G
G
Y
C
Z
Y1
X2
X1
G1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com