Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS2095LFDB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMS2095LFDB
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2095LFDB Datasheet(HTML) 1 Page - Diodes Incorporated

  DMS2095LFDB Datasheet HTML 1Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 2Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 3Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 4Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 5Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 6Page - Diodes Incorporated DMS2095LFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMS2095LFDB
Document number: DS35955 Rev. 3 - 2
1 of 7
www.diodes.com
April 2014
© Diodes Incorporated
DMS2095LFDB
P-CHANNEL ENHANCEMENT MODE MOSFET
WITH INTEGRATED SCHOTTKY DIODE
Product Summary
MOSFET
V(BR)DSS
RDS(on) max
ID
-20V
95m
Ω @ VGS = -4.5V
-3.4A
120m
Ω @ VGS = -2.5V
-3.0A
150m
Ω @ VGS = -1.8V
-2.7A
SCHOTTKY DIODE
VR
VF max
IO
20V
400mV @ IF = 0.5A
1.0A
470mV @ IF = 1.0A
Features and Benefits
•
MOSFET with Low RDS(ON) – minimize conduction losses
•
Low Gate Threshold Voltage, -1.3V Max
•
Schottky Diode with Low Forward Voltage Drop
•
Low Profile, 0.5mm Max Height
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: U-DFN2020-6 Type B
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish – NiPdAu annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.0065 grams (approximate)
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
•
Power management functions
Ordering Information (Note 4)
Part Number
Case
Packaging
DMS2095LFDB-7
U-DFN2020-6 Type B
3,000/Tape & Reel
DMS2095LFDB-13
U-DFN2020-6 Type B
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
U-DFN2020-6
Type B
Q1 P-MOSFET
Bottom View
MS2 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: V = 2008)
M = Month (ex: 9 = September)
e4
MS2
A
NC
D
S
G
K
D
Pin1
K
D
S
G
D1 SCHOTTKY DIODE
A
K


Similar Part No. - DMS2095LFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS2095LFDB-13 DIODES-DMS2095LFDB-13 Datasheet
312Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 3
DMS2095LFDB-7 DIODES-DMS2095LFDB-7 Datasheet
312Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 3
DMS2095LFDB DIODES-DMS2095LFDB_15 Datasheet
312Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 3
More results

Similar Description - DMS2095LFDB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com