Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD75EB Datasheet(PDF) 6 Page - Astrodyne Corporation

Part # ASD75EB
Description  75 Watt, High Density, Eighth Brick DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD75EB Datasheet(HTML) 6 Page - Astrodyne Corporation

  ASD75EB Datasheet HTML 1Page - Astrodyne Corporation ASD75EB Datasheet HTML 2Page - Astrodyne Corporation ASD75EB Datasheet HTML 3Page - Astrodyne Corporation ASD75EB Datasheet HTML 4Page - Astrodyne Corporation ASD75EB Datasheet HTML 5Page - Astrodyne Corporation ASD75EB Datasheet HTML 6Page - Astrodyne Corporation ASD75EB Datasheet HTML 7Page - Astrodyne Corporation ASD75EB Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
75 Watt, High Density, Eighth Brick DC/DC Converter
ASD75EB series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Over Temperature Protection
The ASD75EB series modules are protected from thermal overload by an internal over temperature protection
IC. When the PCB temperature sense point reaches 125°C, the converter will shut down immediately. The
converter will attempt to restart when the temperature has dropped at least 10°C below the Over
Temperature threshold.
Thermal Considerations
The ASD75EB series are designed to operate in a wide range of thermal environments. However, enough
cooling should be provided to ensure reliable performance. Heat is removed from the converter in 3 ways:
conduction, convection and radiation.
Improved cooling by convection can be done by increasing the airflow through the module. The available
load current for a given ambient air temperature is in the de-rating curves section. The test is done using
the test fixture shown in figure 5.
Figure 5: Thermal Test Fixture
Pin3
Pin1
Pin4
Pin8
Proper cooling can be verified by monitoring the temperature of the critical components of the power
stage. Each of the selected critical components was monitored by using thermocouple. The generation of
the thermal de-rating curves involves extensive thermal testing at different combinations of input voltage,
ambient air temperature, load current and airflow with the given test fixture.
However, the final temperature of the module in the final system will depend again on several factors,
including host PCB size, number of layers, and copper weight, airflow direction and turbulence, operating
ambient temperatures, etc… It is highly recommended to verify the thermal performance of the converter
when included in the end system.
ASD75
Figure 5: Thermal Text Fixture



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com