Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD75EB Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASD75EB
Description  75 Watt, High Density, Eighth Brick DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD75EB Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD75EB Datasheet HTML 1Page - Astrodyne Corporation ASD75EB Datasheet HTML 2Page - Astrodyne Corporation ASD75EB Datasheet HTML 3Page - Astrodyne Corporation ASD75EB Datasheet HTML 4Page - Astrodyne Corporation ASD75EB Datasheet HTML 5Page - Astrodyne Corporation ASD75EB Datasheet HTML 6Page - Astrodyne Corporation ASD75EB Datasheet HTML 7Page - Astrodyne Corporation ASD75EB Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
75 Watt, High Density, Eighth Brick DC/DC Converter
ASD75EB series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Small 2.32” x 0.9” x 0.37” Size
Constant Frequency
High Typical Efficiency of 92% (12Vout)
Low Output Noise
24 or 48VDC Nominal Input Voltage Options
Output Over Voltage Protection
Current Limit/Short Circuit Protection
Adjustable Output Voltage 80-110% of Vo
No Sink Current from Output During Shutdown
Logic ON/OFF Control
MTBF of 1.3Mhrs
RoHS Compliant
CSA Certified to IEC 60950-1 for Basic Insulation
Model Number
Output Voltage
Output Amps Input Range
Max. Iin FL
Efficiency
Max Output Power
ASD75-24S3.3EB
3.3 VDC
20
18-36 VDC
4.9A
89%, typ.
66 Watts
ASD75-24S5EB
5 VDC
15
18-36 VDC
5.5A
90.5%, typ.
75 Watts
ASD75-24S12EB
12 VDC
6.25
18-36 VDC
5.5A
91.5%, typ.
75 Watts
ASD75-48S3.3EB
3.3 VDC
20
36-75 VDC
2.5A
89%, typ.
66 Watts
ASD75-48S5EB
5 VDC
15
36-75 VDC
2.9A
91%, typ.
75 Watts
ASD75-48S12EB
12 VDC
6.25
36-75 VDC
2.9A
92%, typ.
75 Watts
DESCRIPTION:
The ASD75EB Series of products are open frame, high density, dc/dc convert-
ers designed for use in distributed power architectures and may, in many cases,
be used as fit and function replacements for industry standard quarter brick
modules with a 34% space savings. Synchronous Rectification enables these
power supplies to produce up to 75W of high efficiency power in an 1/8th brick
(2.32in. x 0.90in. x 0.37in. ) package.


Similar Part No. - ASD75EB

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD75-24S12Q ASTRODYNE-ASD75-24S12Q Datasheet
2Mb / 4P
75 Watt ASD-Q Single Series DC/DC Converters
ASD75-24S15Q ASTRODYNE-ASD75-24S15Q Datasheet
2Mb / 4P
75 Watt ASD-Q Single Series DC/DC Converters
ASD75-24S24Q ASTRODYNE-ASD75-24S24Q Datasheet
2Mb / 4P
75 Watt ASD-Q Single Series DC/DC Converters
ASD75-24S3.3Q ASTRODYNE-ASD75-24S3.3Q Datasheet
2Mb / 4P
75 Watt ASD-Q Single Series DC/DC Converters
ASD75-24S5Q ASTRODYNE-ASD75-24S5Q Datasheet
2Mb / 4P
75 Watt ASD-Q Single Series DC/DC Converters
More results

Similar Description - ASD75EB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
Eighth-brick DC-DC Converter
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com