Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD75EB Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD75EB
Description  75 Watt, High Density, Eighth Brick DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD75EB Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD75EB Datasheet HTML 1Page - Astrodyne Corporation ASD75EB Datasheet HTML 2Page - Astrodyne Corporation ASD75EB Datasheet HTML 3Page - Astrodyne Corporation ASD75EB Datasheet HTML 4Page - Astrodyne Corporation ASD75EB Datasheet HTML 5Page - Astrodyne Corporation ASD75EB Datasheet HTML 6Page - Astrodyne Corporation ASD75EB Datasheet HTML 7Page - Astrodyne Corporation ASD75EB Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
75 Watt, High Density, Eighth Brick DC/DC Converter
ASD75EB series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
ABSOLUTE MAXIMUM RATINGS (MIN TO MAX.)
Input Voltage (+In to -In)
24Vin: 18-36VDC Continuous
48Vin: 36-75VDC Continuous
Transient Input Voltage
24Vin: 50VDC (100mS max.)
48Vin: 100VDC (100mS max.)
Operating Temperature
-40 to 85°C (See Derate Curve)
Storage Temperature (Ambient) 125°C
Wave Solder Temperature
260°C for 10 Seconds
INPUT SPECIFICATIONS (400LFM AIRFLOW)
Input Operation Voltage:
See Model Chart on Page 1
Input Current FL (0 Vin - Vin max.)See Model Chart on Page 1
Input Transient
1A²t
Input Reflected Ripple Current
20mAp-p, typ. (Note 1)
Startup Input Voltage (Note 4)
24Vin: 16-18VDC
48Vin: 33-36VDC
Shutoff Input Voltage
24Vin: 14-16VDC
48Vin: 30-33VDC
Hysteresis
1V
OUTPUT SPECIFICATIONS
Output Voltage
See Model Chart on Page 1
Output Current (Io, max.)
See Model Chart on Page 1
Output Set Point (Vo,set)
+/-1.5%, Nominal Vin, FL
Total Output Voltage Range
+/- 3%
Line/Load Regulation
+/-1%
Temperature Regulation
+/-1%, -40 to 70°C
Ripple/Noise
150mV p-p max., 30mVrms (Note 2)
Dynamic Response:
(Note 3)
Peak Deviation
4% Vnom
Settling Time
200uS Vout within 1% Vnom
Over Voltage Protection
110-140% of Output, Hiccup Mode
Over Temperature Protection
105-125°C, auto recover
(converter hot spot temperature)
External Capacitance (Electrolytic)3.3 & 5Vout: 10 to 5000uF max.
12Vout: 220 to 1200uF max.
Short Circuit Protection (rms)
15Arms, Hiccup, Rout ≤10M Ω
Current Limit (rms.)
105-140%, Hiccup Mode
Efficiency FL
See Model Chart on Page 1
ISOLATION SPECIFICATIONS
Input-Output
1500VDC
Input-Output Capacitance
1500pF
Isolation Resistance
10MΩ
GENERAL SPECIFICATIONS
MTBF
1.3Mhrs
Weight
0.72 oz (20.5g)
Dimensions
2.3” x 1.45” x 0.47”
(58.4 x 36.8 x 12mm)
CONTROL SPECIFICATIONS
Input Logic Low
Voltage at 1mA current relative to
-Vin is 1V max.
Current at 0 volts is 1mA
Input Logic High
Enable pin voltage relative to -Vin
is 5.5V
Leakage current is 100uA
Turn-On Time
500mS, FL, o=90% Vo, set
Trim Adjustment Range
80-110% See TRIM FUNCTION
Fig 4
NOTES
1.Measured before Input Filter, 12uH inductor
2.Scope measurement should be made using a BNC connector with 1uF
and 10uF aluminum electrolytic capacitor across output. Scope set to
read at 20MHz bandwidth.
3. 25%-50%-75% load, 0.1A/
uS
4. The Cold Start condition is a uniform converter temperature of -40°C
after thermal stabilization. An additional 2x220uF is needed for cold
startup conditions. The Hot Start condition for start up is a uniform con-
verter temperature of 65°C after thermal stabilization.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com