Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV304 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304
Description  140-MHz PCI-X CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV304 Datasheet(HTML) 1 Page - Texas Instruments

  CDCV304 Datasheet HTML 1Page - Texas Instruments CDCV304 Datasheet HTML 2Page - Texas Instruments CDCV304 Datasheet HTML 3Page - Texas Instruments CDCV304 Datasheet HTML 4Page - Texas Instruments CDCV304 Datasheet HTML 5Page - Texas Instruments CDCV304 Datasheet HTML 6Page - Texas Instruments CDCV304 Datasheet HTML 7Page - Texas Instruments CDCV304 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDCV304
140-MHz PCI-X CLOCK BUFFER
SCAS643B – SEPTEMBER 2000 REVISED JULY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D General-Purpose and PCI-X 1:4 Clock
Buffer
D Operating Frequency: 0 MHz to 140 MHz
D Low Output Skew: <100 ps
D Distributes One Clock Input to One Bank of
Four Outputs
D Output Enable Control That Drives Outputs
Low When OE Is Low
D Operates From Single 3.3-V Supply
D 8-Pin TSSOP Package
description
The CDCV304 is a high-performance, low-skew, general-purpose and PCI-X clock buffer. It distributes one input
clock signal (CLKIN) to the output clocks (1Y[0:3]). It is specifically designed for use with PCI-X applications.
The CDCV304 operates at 3.3 V.
The CDCV304 is characterized for operation from –40
°C to 85°C for automotive and industrial applications.
FUNCTION TABLE
INPUTS
OUTPUT
CLKIN
OE
1Y (0:3)
L
H
L
H
L
L
H
H
L
L
L
H
functional block diagram
3
5
7
8
1Y0
1Y1
1Y2
1Y3
Logic
Control
2
1
OE
CLKIN
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
CLKIN
OE
1Y0
GND
1Y3
1Y2
VDD3.3V
1Y1
TSSOP
PW PACKAGE
(TOP VIEW)


Similar Part No. - CDCV304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
293Kb / 12P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI1-CDCV304 Datasheet
506Kb / 14P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI2-CDCV304 Datasheet
505Kb / 15P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
MARCH 2012
CDCV304 TI2-CDCV304 Datasheet
548Kb / 18P
CDCV304 200-MHz General-Purpose Clock Buffer, PCI-X Compliant
REVISED OCTOBER 2017
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results

Similar Description - CDCV304

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
140 MHz PCI-X clock buffer
2001 May 09
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
Low Jitter and Skew DC to 140 MHz Clock Buffer
logo
Texas Instruments
CDCV304 TI-CDCV304_09 Datasheet
293Kb / 12P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI1-CDCV304_12 Datasheet
506Kb / 14P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
Renesas Technology Corp
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com