Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8130
Description  MULTI STANDARD INFRARED TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 2 Page - Cirrus Logic

  CS8130 Datasheet HTML 1Page - Cirrus Logic CS8130 Datasheet HTML 2Page - Cirrus Logic CS8130 Datasheet HTML 3Page - Cirrus Logic CS8130 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
DS134PP2-B
frequency of 527 kHz.
9) ASK Receive Choices - valid incoming frequency range (with RATS = 0 and MD = 5) is 431 kHz to
609 kHz.
10) RATS register control of receive data frequency window period is now:
T(min) ~= [(2*MD)+3+RATS]*135ns
T(max) ~= [(2*MD)+3+(6*(RATS+1))]*135ns
11) Clarification: the IrDA/HP-SIR baud rate can be as low as 1200 bps.
12) Specifications in the following tables replace those found in the JUN ’94 CS8130 data sheet
(DS134PP2).
POWER SUPPLY SPECIFICATIONS (T
A = 25 °C; V+ = 3.0 V, Digital Input Levels: Logic 0 = 0 V,
Logic 1 = V+, Note 1)
Notes: 1. Power supply current specifications are with the supply at 3.0 V. For approximate consumption at
+5.0 V, multiply the above currents by 1.667.
2. Oscillator in low power mode; does not include LED current. Subtract oscillator current if using an
external clock to run the CS8130.
3. Floating digital inputs will not cause the power supply to increase beyond the specification.
4. Does not include LED current, does include oscillator current in low power mode.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
2.7
3.0
5.5
V
Power Supply Current - All functions enabled
(Note 2)
-
2.7
3.3
mA
Power Supply Current - All functions disabled
(Note 3)
-
0.3
1
µA
Power Supply Current - Receiver only enabled
(Note 2)
-
2.0
2.8
mA
Power Supply Current - Transmit only enabled
(Note 4)
-
0.7
1.5
mA
Oscillator Power Supply Current
low power mode:
normal power mode:
-
-
0.45
1.3
1.3
2.2
mA
mA
Data & State Retention Supply Voltage
2
-
-
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com